Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA42 Datasheet (PDF) - Diotec Semiconductor

PZTA42 Datasheet PDF - Diotec Semiconductor
Part # PZTA42
Download  PZTA42 Download
File Size   164.72 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD High Voltage NPN Transistors

PZTA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZTA42 Datasheet PDF - Diotec Semiconductor

Part # PZTA42
Download  PZTA42 Click to download

File Size   164.72 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD High Voltage NPN Transistors

PZTA42 Datasheet (HTML) - Diotec Semiconductor


PZTA42 Product details

Features
   High collector-emitter voltage High power dissipation Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Signal processing, Switching, Amplification Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 4000 / 13“
   Weight approx. 0.2 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - PZTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
1999 May 21
logo
Siemens Semiconductor G...
PZTA42 SIEMENS-PZTA42 Datasheet
127Kb / 4P
NPN Silicon High-Voltage Transistors
logo
Fairchild Semiconductor
PZTA42 FAIRCHILD-PZTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
NPN Silicon High Voltage Transistor
Jun-29-2001
logo
Weitron Technology
PZTA42 WEITRON-PZTA42 Datasheet
225Kb / 3P
NPN Silicon Planar Epitaxial Transistor
More results


Similar Description - PZTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
NPN high-voltage transistors
1999 Apr 29
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
HIGH VOLTAGE NPN TRANSISTORS
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
NPN High-Voltage Transistors
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
NPN High-Voltage Transistors
logo
Diotec Semiconductor
MMBTA06 DIOTEC-MMBTA06 Datasheet
145Kb / 2P
SMD High Voltage NPN Transistors
MMBTA42 DIOTEC-MMBTA42_18 Datasheet
152Kb / 2P
SMD High Voltage NPN Transistors
MMBTA06 DIOTEC-MMBTA06_18 Datasheet
127Kb / 2P
SMD High Voltage NPN Transistors
MMBTA06 DIOTEC-MMBTA06_1 Datasheet
133Kb / 2P
SMD High Voltage NPN Transistors
DI2579N DIOTEC-DI2579N Datasheet
580Kb / 3P
SMD High Voltage NPN Transistors SMD Hochspannungs-NPN-Transistoren
Version 2022-12-12
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com