Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06 Datasheet (PDF) - Diotec Semiconductor

MMBTA06 Datasheet PDF - Diotec Semiconductor
Part # MMBTA06
Download  MMBTA06 Download
File Size   145.31 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD High Voltage NPN Transistors

MMBTA06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA06 Datasheet PDF - Diotec Semiconductor

Part # MMBTA06
Download  MMBTA06 Click to download

File Size   145.31 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD High Voltage NPN Transistors

MMBTA06 Datasheet (HTML) - Diotec Semiconductor


MMBTA06 Product details

NPN Surface mount general purpose Si-epitaxial planar transistors

• Power dissipation                 250 mW
• Plastic case                           SOT-23
• Weight approx.                        0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - MMBTA06

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA06 TRSYS-MMBTA06 Datasheet
139Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA06 SAMSUNG-MMBTA06 Datasheet
28Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA06 FAIRCHILD-MMBTA06 Datasheet
149Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTA06 DIODES-MMBTA06 Datasheet
45Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. C-2
logo
General Semiconductor
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
More results


Similar Description - MMBTA06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
NPN high-voltage transistors
1999 Apr 29
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
HIGH VOLTAGE NPN TRANSISTORS
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
NPN High-Voltage Transistors
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
NPN High-Voltage Transistors
logo
Diotec Semiconductor
MMBTA42 DIOTEC-MMBTA42_18 Datasheet
152Kb / 2P
SMD High Voltage NPN Transistors
MMBTA06 DIOTEC-MMBTA06_18 Datasheet
127Kb / 2P
SMD High Voltage NPN Transistors
MMBTA06 DIOTEC-MMBTA06_1 Datasheet
133Kb / 2P
SMD High Voltage NPN Transistors
PZTA42 DIOTEC-PZTA42 Datasheet
164Kb / 2P
SMD High Voltage NPN Transistors
DI2579N DIOTEC-DI2579N Datasheet
580Kb / 3P
SMD High Voltage NPN Transistors SMD Hochspannungs-NPN-Transistoren
Version 2022-12-12
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com