Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBTA06
Description  SMD High Voltage NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTA06 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBTA06 Datasheet HTML 1Page - Diotec Semiconductor MMBTA06 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTA06
MMBTA06
SMD High Voltage NPN Transistors
SMD Hochspannungs-NPN-Transistoren
IC
= 500 mA
hFE > 100
Tjmax = 150°C
VCEO = 80 V
Ptot = 250 mW
Version 2018-01-18
SOT-23
(TO-236)
1 = B
2 = E
3 = C
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Type
Code
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
1GM
MMBTA56
Maximum ratings 2)
Grenzwerte 2)
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
B open
VCEO
80 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
VCBO
80 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
4 V
Power dissipation – Verlustleistung
Ptot
250 mW 3)
Collector current – Kollektorstrom
DC
IC
500 mA
Base current – Basisstrom
I
B
100 mA
Peak Base current – Basis-Spitzenstrom
IBM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 4)
- VCE = 1 V
- IC = 10 mA
- IC = 100 mA
hFE
100
100
–
–
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C and per diode, unless otherwise specified – TA = 25°C und pro Diode, wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
4
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2


Similar Part No. - MMBTA06

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA06 TRSYS-MMBTA06 Datasheet
139Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA06 SAMSUNG-MMBTA06 Datasheet
28Kb / 1P
NPN (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA06 FAIRCHILD-MMBTA06 Datasheet
149Kb / 4P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBTA06 DIODES-MMBTA06 Datasheet
45Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30037 Rev. C-2
logo
General Semiconductor
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
More results

Similar Description - MMBTA06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
NPN high-voltage transistors
1999 Apr 29
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
HIGH VOLTAGE NPN TRANSISTORS
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
NPN High-Voltage Transistors
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
NPN High-Voltage Transistors
logo
Diotec Semiconductor
MMBTA42 DIOTEC-MMBTA42_18 Datasheet
152Kb / 2P
SMD High Voltage NPN Transistors
MMBTA06 DIOTEC-MMBTA06_18 Datasheet
127Kb / 2P
SMD High Voltage NPN Transistors
MMBTA06 DIOTEC-MMBTA06_1 Datasheet
133Kb / 2P
SMD High Voltage NPN Transistors
PZTA42 DIOTEC-PZTA42 Datasheet
164Kb / 2P
SMD High Voltage NPN Transistors
DI2579N DIOTEC-DI2579N Datasheet
580Kb / 3P
SMD High Voltage NPN Transistors SMD Hochspannungs-NPN-Transistoren
Version 2022-12-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com