Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-360E Datasheet (PDF) - Lite-On Technology Corporation

LTS-360E Datasheet PDF - Lite-On Technology Corporation
Part # LTS-360E
Download  LTS-360E Download
File Size   349.39 Kbytes
Page   6 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description LED Display

LTS-360E Datasheet (PDF)

Go To PDF Page Download Datasheet
LTS-360E Datasheet PDF - Lite-On Technology Corporation

Part # LTS-360E
Download  LTS-360E Click to download

File Size   349.39 Kbytes
Page   6 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description LED Display

LTS-360E Datasheet (HTML) - Lite-On Technology Corporation


LTS-360E Product details

Descriptions
The LTS-360 series are 0.36 inch (9.14mm) height single digit displays. AlGaAs red desplays has gray face and white segments. Bright red and hight efficieny red displays have red face and red segments. Green, yellow AlGaAs red and red orange displays have gray face and white segments.
The AlGaAs red seven segment displys are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low current. Drive current as low as 1 mA per segment is available.
The AlGaAs red series devices utilize LED chips which are made from AlGaAs on a non-transparent GaAs substrate. The bright red and green series devices utilize LED chips which are made from GaP on a transparent GaPsubstrate. The yellow and red orange series devices utilize LED chips which are made from GaAsP on a transparent GaP substrate.

Features
• 0.36 inch (9.14mm) digit height
• Continuous uniform segments.
• Choices of six bright colors-AlGaAs red/bright red/green/yellow/red orange/high efficiency red.
• Low power requirement.
• Excellent characters appearance.
• High brightness.
• Wide viewing angle.
• Solid state reliability.
• Categorized for luminous intensity.
• I.C. compatiable.
• Easy mounting on P.C. board.




Similar Part No. - LTS-360E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-360G LITEON-LTS-360G Datasheet
349Kb / 6P
LED Display
LTS-360HR LITEON-LTS-360HR Datasheet
131Kb / 5P
0.36 inch (9.14-mm) DIGIT HEIGHT
More results


Similar Description - LTS-360E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
LED Display
LTS-5301AP LITEON-LTS-5301AP Datasheet
345Kb / 6P
LED Display
LTS-6960HR LITEON-LTS-6960HR Datasheet
346Kb / 6P
LED Display
LTP-14158AG LITEON-LTP-14158AG Datasheet
437Kb / 6P
LED Display
LTP-14858AA LITEON-LTP-14858AA Datasheet
415Kb / 6P
LED Display
LTS-4301JR LITEON-LTS-4301JR Datasheet
355Kb / 6P
LED Display
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
LED DISPLAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com