Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-360HR Datasheet (PDF) - Lite-On Technology Corporation

LTS-360HR Datasheet PDF - Lite-On Technology Corporation
Part # LTS-360HR
Download  LTS-360HR Download
File Size   131.87 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 0.36 inch (9.14-mm) DIGIT HEIGHT

LTS-360HR Datasheet (PDF)

Go To PDF Page Download Datasheet
LTS-360HR Datasheet PDF - Lite-On Technology Corporation

Part # LTS-360HR
Download  LTS-360HR Click to download

File Size   131.87 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 0.36 inch (9.14-mm) DIGIT HEIGHT

LTS-360HR Datasheet (HTML) - Lite-On Technology Corporation


LTS-360HR Product details

Descriptions
The LTS-360 series are 0.36 inch (9.14mm) height single digit displays. AlGaAs red desplays has gray face and white segments. Bright red and hight efficieny red displays have red face and red segments. Green, yellow AlGaAs red and red orange displays have gray face and white segments.
The AlGaAs red seven segment displys are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low current. Drive current as low as 1 mA per segment is available.
The AlGaAs red series devices utilize LED chips which are made from AlGaAs on a non-transparent GaAs substrate. The bright red and green series devices utilize LED chips which are made from GaP on a transparent GaPsubstrate. The yellow and red orange series devices utilize LED chips which are made from GaAsP on a transparent GaP substrate.

Features
• 0.36 inch (9.14mm) digit height
• Continuous uniform segments.
• Choices of six bright colors-AlGaAs red/bright red/green/yellow/red orange/high efficiency red.
• Low power requirement.
• Excellent characters appearance.
• High brightness.
• Wide viewing angle.
• Solid state reliability.
• Categorized for luminous intensity.
• I.C. compatiable.
• Easy mounting on P.C. board.




Similar Part No. - LTS-360HR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-360E LITEON-LTS-360E Datasheet
349Kb / 6P
LED Display
LTS-360G LITEON-LTS-360G Datasheet
349Kb / 6P
LED Display
More results


Similar Description - LTS-360HR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-312A UOT-UVS-312A Datasheet
69Kb / 5P
0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTS367G LITEON-LTS367G Datasheet
124Kb / 5P
0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
China Semiconductor Cor...
CSS-3618B7 CHINASEMI-CSS-3618B7 Datasheet
185Kb / 6P
0.36 Inch Single Digit Display
CSS-3618M9 CHINASEMI-CSS-3618M9 Datasheet
191Kb / 6P
0.36 Inch Single Digit Display
CSS-3618V9 CHINASEMI-CSS-3618V9 Datasheet
184Kb / 6P
0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-361E-O PARALIGHT-A-361E-O Datasheet
200Kb / 10P
0.36 INCH SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-3611AX-00 FORYARD-FYS-3611AX-00 Datasheet
389Kb / 5P
0.36 Inch (9.00mm) digit height Single Digit Display
FYS-3612AX-00 FORYARD-FYS-3612AX-00 Datasheet
392Kb / 5P
0.36 Inch (9.10mm) digit height Single Digit Display
FYS-3612CX-00 FORYARD-FYS-3612CX-00 Datasheet
392Kb / 5P
0.36 Inch (9.10mm) digit height Single Digit Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com