Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1209 Datasheet (PDF) - OKI electronic componets

MSC1209 Datasheet PDF - OKI electronic componets
Part # MSC1209
Download  MSC1209 Download
File Size   172.15 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function

MSC1209 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1209 Datasheet PDF - OKI electronic componets

Part # MSC1209
Download  MSC1209 Click to download

File Size   172.15 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function

MSC1209 Datasheet (HTML) - OKI electronic componets


MSC1209 Product details

GENERAL DESCRIPTION
The MSC1209 is a Bi-CMOS display driver for a 1/2-duty vacuum fluorescent display tube. The MSC1209 consists of an 84-bit shift register, an 84-bit latch circuit, a 10-bit digital dimming circuit, 42-bit segment drivers, a 2-bit grid circuit, and a cascade control circuit.
The MSC1209 is interfaced with a microcontroller by using three signal lines of LOAD, CLOCK, and DATA. The cascaded MSC1209 ICs can share LOAD, CLOCK, and DATA.

FEATURES
• Power supply voltage: 8V to 18V (Built-in 5V regulator for logic)
• Operating temperature range: –40 to +105°C
• Driving 42 segments directly: VOH=VDD–0.5V at IOH=–3.0mA (VDD=15.0V)
• Built-in digital dimming circuit
    10-bit resolution
    Programmable in the duty range of 0/2048 (0%) to 1016.5/2048 (49.6%)
• 3 interfaces with microcontroller: LOAD, CLOCK, DATA
• Cascade connection available
    (The cascaded MSC1209 ICs can share LOAD, CLOCK, and DATA.)
• Built-in oscillation circuit with an external capacitor (a single pin is used)
• Built-in power-on reset circuit
• Package:
    56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name: MSC1209GS-2K)




Similar Part No. - MSC1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1200V-01 OKI-MSC1200V-01 Datasheet
218Kb / 26P
30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results


Similar Description - MSC1209

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com