Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1209 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1209
Description  42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1209 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1209 Datasheet HTML 1Page - OKI electronic componets MSC1209 Datasheet HTML 2Page - OKI electronic componets MSC1209 Datasheet HTML 3Page - OKI electronic componets MSC1209 Datasheet HTML 4Page - OKI electronic componets MSC1209 Datasheet HTML 5Page - OKI electronic componets MSC1209 Datasheet HTML 6Page - OKI electronic componets MSC1209 Datasheet HTML 7Page - OKI electronic componets MSC1209 Datasheet HTML 8Page - OKI electronic componets MSC1209 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
¡ Semiconductor
MSC1209
2/15
BLOCK DIAGRAM
2-bit
Grid Driver
42-bit Segment Driver
Multiplexer
Timing Generator
84-bit Latch
10-bit
Digital Dimming
10-bit Latch
L
LOAD
Timing Control
2-bit S/R
D
84-bit Shift Register
Q1-Q84
D
10-bits (Q1 to Q10)
84 bits
L
SEG42
SEG1
GRID2
GRID1
VDD
VSS
BLANK
MODEA
MODEB
LOAD
DATA
CLOCK
OSC
OSC
POR
POR
POR
SEL
VDD=8 to 18V
VCC=5.0V
(Regulator)
5V
POR
5V
Voltage
Regulator
Level Shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com