Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM413 Datasheet (PDF) - ELM Electronics

ELM413 Datasheet PDF - ELM Electronics
Part # ELM413
Download  ELM413 Download
File Size   25.9 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description LED controller and a circuit startup timer in an 8 pin package

ELM413 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM413 Datasheet PDF - ELM Electronics

Part # ELM413
Download  ELM413 Click to download

File Size   25.9 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description LED controller and a circuit startup timer in an 8 pin package

ELM413 Datasheet (HTML) - ELM Electronics


ELM413 Product details

Description
The ELM413 is both an LED controller and a circuit startup timer in an 8 pin package. The high current capabilities of its outputs allow most LEDs to be directly driven, usually only requiring a single current limiting resistor.

Features
• Low power CMOS design - typically 1mA at 5V
• Operates over a supply range of 3.0 to 5.5 volts
• Schmitt trigger controlled operation
• Requires no external timing components
• Warmup periods from 0.1 to 5 seconds
• Auxiliary output active after warmup period
• High current drive outputs - up to 25 mA

Applications
• Pilot ‘lamp’ circuits
• Sequentially enabled systems
• Delay on operate circuits
• Audio amplifier power managers
• Monostable (one-shot) circuits




Similar Part No. - ELM413

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM413P ELM-ELM413P Datasheet
30Kb / 4P
Schmitt trigger controlled operation
More results


Similar Description - ELM413

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T18C STMICROELECTRONICS-ST62T18C Datasheet
536Kb / 82P
8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 20-PIN PACKAGE
Rev. 2.5
ST62T28C STMICROELECTRONICS-ST62T28C Datasheet
561Kb / 84P
8-BIT MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, UART, OSG, SAFE RESET AND 28-PIN PACKAGE
Rev. 2.8
logo
Maxim Integrated Produc...
MAX6814 MAXIM-MAX6814 Datasheet
631Kb / 6P
5-Pin Watchdog Timer Circuit
19-2804; Rev 1; 3/04
logo
List of Unclassifed Man...
CRT5027 ETC1-CRT5027 Datasheet
576Kb / 8P
CRT VIDEO TIMER AND CONTROLLER
logo
Zetex Semiconductors
DIL8 ZETEX-DIL8 Datasheet
48Kb / 2P
Dual in-line, 8 pin package
logo
IK Semicon Co., Ltd
KL3340 IKSEMICON-KL3340 Datasheet
198Kb / 5P
Economical 8-Pin Dual-In-Line Package
logo
Sanken electric
SPF8201 SANKEN-SPF8201 Datasheet
657Kb / 19P
Built-in startup circuit
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
26-May-2016
logo
Dialog Semiconductor
SLG7NT4081 DIALOG-SLG7NT4081 Datasheet
252Kb / 9P
PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4229 DIALOG-SLG7NT4229 Datasheet
500Kb / 9P
PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com