Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM413P Datasheet (PDF) - ELM Electronics

ELM413P Datasheet PDF - ELM Electronics
Part # ELM413P
Download  ELM413P Download
File Size   30.31 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Schmitt trigger controlled operation

ELM413P Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM413P Datasheet PDF - ELM Electronics

Part # ELM413P
Download  ELM413P Click to download

File Size   30.31 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Schmitt trigger controlled operation

ELM413P Datasheet (HTML) - ELM Electronics


ELM413P Product details

Description
The ELM413 is both an LED controller and a circuit startup timer in an 8 pin package. The high current capabilities of its outputs allow most LEDs to be directly driven, usually only requiring a single current limiting resistor.

Features
• Low power CMOS design - typically 1mA at 5V
• Operates over a supply range of 3.0 to 5.5 volts
• Schmitt trigger controlled operation
• Requires no external timing components
• Warmup periods from 0.1 to 5 seconds
• Auxiliary output active after warmup period
• High current drive outputs - up to 25 mA

Applications
• Pilot ‘lamp’ circuits
• Sequentially enabled systems
• Delay on operate circuits
• Audio amplifier power managers
• Monostable (one-shot) circuits




Similar Part No. - ELM413P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM413 ELM-ELM413 Datasheet
25Kb / 4P
LED controller and a circuit startup timer in an 8 pin package
More results


Similar Description - ELM413P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F Datasheet
182Kb / 4P
SCHMITT TRIGGER
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
Hex Schmitt trigger
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
Schmitt Trigger
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_01 Datasheet
203Kb / 5P
SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
SCHMITT TRIGGER
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com