Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX245 Datasheet (PDF) - ON Semiconductor

74VCX245 Datasheet PDF - ON Semiconductor
Part # 74VCX245
Download  74VCX245 Download
File Size   654.15 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Bidirectional Transceiver

74VCX245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VCX245 Datasheet PDF - ON Semiconductor

Part # 74VCX245
Download  74VCX245 Click to download

File Size   654.15 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Bidirectional Transceiver

74VCX245 Datasheet (HTML) - ON Semiconductor


74VCX245 Product details

General Description
The VCX245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications.

Features
■ 1.4V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ Power-off high impedance inputs and outputs
■ Supports Live Insertion and Withdrawal (Note 1)
■ tPD
    3.5 ns max for 3.0V to 3.6V VCC
■ Static Drive (IOH/IOL)
    ±24 mA @ 3.0V VCC
■ Uses proprietary noise/EMI reduction circuitry
■ Latchup performance exceeds 300 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
■ Leadless DQFN Pb-Free package




Similar Part No. - 74VCX245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245BQX FAIRCHILD-74VCX245BQX Datasheet
544Kb / 11P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245MTC FAIRCHILD-74VCX245MTC Datasheet
80Kb / 8P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245MTC FAIRCHILD-74VCX245MTC Datasheet
544Kb / 11P
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results


Similar Description - 74VCX245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
Low Voltage Bidirectional Transceiver with Bushold
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
Low Voltage Octal Bidirectional Transceiver
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
Low Voltage Octal Bidirectional Transceiver
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCX16245 ONSEMI-74LCX16245 Datasheet
229Kb / 11P
Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
74LCXP16245 ONSEMI-74LCXP16245 Datasheet
204Kb / 10P
Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
Low Voltage Octal Bidirectional Transceiver
Revised April 2005
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com