Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX245 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VCX245
Description  Low Voltage Bidirectional Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX245 Datasheet(HTML) 2 Page - ON Semiconductor

  74VCX245 Datasheet HTML 1Page - ON Semiconductor 74VCX245 Datasheet HTML 2Page - ON Semiconductor 74VCX245 Datasheet HTML 3Page - ON Semiconductor 74VCX245 Datasheet HTML 4Page - ON Semiconductor 74VCX245 Datasheet HTML 5Page - ON Semiconductor 74VCX245 Datasheet HTML 6Page - ON Semiconductor 74VCX245 Datasheet HTML 7Page - ON Semiconductor 74VCX245 Datasheet HTML 8Page - ON Semiconductor 74VCX245 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2013 Fairchild Semiconductor Corporation
DS500167
www.fairchildsemi.com
June 1999
Revised December 2013
74VCX245
Low Voltage Bidirectional Transceiver
with 3.6V Tolerant Inputs and Outputs
General Description
The VCX245 contains eight non-inverting bidirectional buff-
ers with 3-STATE outputs and is intended for bus oriented
applications. The T/R input determines the direction of data
flow. The OE input disables both the A and B ports by plac-
ing them in a high impedance state.
The 74VCX245 is designed for low voltage (1.4V to 3.6V)
VCC applications with I/O compatibility up to 3.6V.
The 74VCX245 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
■ 1.4V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ Power-off high impedance inputs and outputs
■ Supports Live Insertion and Withdrawal (Note 1)
■ tPD
3.5 ns max for 3.0V to 3.6V VCC
■ Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
circuitry
■ Latchup performance exceeds 300 mA
■ ESD performance:
Human body model
! 2000V
Machine model
! 200V
■ Leadless DQFN Pb-Free package
Note 1: To ensure the high impedance state during power up and power
down, OEn should be tied to VCC through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 3: DQFN package available in Tape and Reel only,
Logic Symbol
Pin Descriptions
Order Number
Package
Number
Package Description
74VCX245WM
(Note 2)
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VCX245BQX
(Note 3)
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 4.5mm
74VCX245MTC
(Note 2)
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
■ Uses proprietary noise/EMI reduction
DAP
No Connect
Note: DAP (Die Attach Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com