Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB830 Datasheet (PDF) - TT Electronics.

OPB830 Datasheet PDF - TT Electronics.
Part # OPB830
Download  OPB830 Download
File Size   226.01 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB830 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB830 Datasheet PDF - TT Electronics.

Part # OPB830
Download  OPB830 Click to download

File Size   226.01 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical Switch

OPB830 Datasheet (HTML) - TT Electronics.


OPB830 Product details

Description:
OPB830 and OPB840 series provide the design engineer with the flexibility of a custom device from a standard product line. The L Series offers a choice of PCBoard mount lead spacing, while the W Series offers 24” (610mm) 26AWG wire leads.
Building from a standard housing that utilizes a .375” (9.5 mm) wide slot, a user can specify the electrical output parameters, choice of aperture, discrete shell material, side mount configuration, and a choice of lead spacing (for the L Series) or 24” [610 mm] UL approved 26 AWG wire leads (W Series).

Features:
• 0.125” (3.18 mm) wide slot
• Choice of electrical output parameters
• Choice of aperture
• Choice of opaque or IR transmissive shell material
• Side mount configuration
• Choice of lead spacing (L Series)
• 24” [610 mm] 26 AWG wire leads (W Series)

Applications:
• Non-contact interruptive object sensing
• Assembly line automation
• Machine automation
• Equipment security
• Machine safety




Similar Part No. - OPB830

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB830 OPTEK-OPB830 Datasheet
226Kb / 8P
Slotted Optical Switch
OPB830L OPTEK-OPB830L Datasheet
386Kb / 4P
SLOTTED OPTICAL SWITCHES
OPB830L OPTEK-OPB830L Datasheet
401Kb / 4P
SLOTTED OPTICAL SWITCHES
January 2006
logo
List of Unclassifed Man...
OPB830L ETC-OPB830L Datasheet
226Kb / 8P
Slotted Optical Switch OPB830 and OPB840 Series (L & W)
OPB830L ETC2-OPB830L Datasheet
226Kb / 8P
Slotted Optical Switch OPB830 and OPB840 Series (L & W)
More results


Similar Description - OPB830

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com