Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693R Datasheet (PDF) - Analog Devices

AD5693R Datasheet PDF - Analog Devices
Part # AD5693R
Download  AD5693R Download
File Size   867.7 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny 16-/14-/12-Bit I2C nanoDAC

AD5693R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5693R Datasheet PDF - Analog Devices

Part # AD5693R
Download  AD5693R Click to download

File Size   867.7 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny 16-/14-/12-Bit I2C nanoDAC

AD5693R Datasheet (HTML) - Analog Devices


AD5693R Product details

GENERAL DESCRIPTION
The AD5693R/AD5692R/AD5691R/AD5693, members of the nanoDAC+® family, are low power, single-channel, 16-/14-/12-bit buffered voltage output DACs. The devices, except the AD5693, include an enabled by default internal 2.5 V reference, offering 2 ppm/°C drift. The output span can be programmed to be 0 V to VREF or 0 V to 2 × VREF. All devices operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design. The devices are available in a 2.00 mm × 2.00 mm, 8-lead LFCSP or a 10-lead MSOP.

FEATURES
   Ultrasmall package: 2 mm × 2 mm, 8-lead LFCSP
   High relative accuracy (INL): ±2 LSB maximum at 16 bits
   AD5693R/AD5692R/AD5691R
      Low drift, 2.5 V reference: 2 ppm/°C typical
      Selectable span output: 2.5 V or 5 V
   AD5693
      External reference only
      Selectable span output: VREF or 2 × VREF
   Total unadjusted error (TUE): ±0.06% of FSR maximum
      Offset error: ±1.5 mV maximum
      Gain error: ±0.05 % of FSR maximum
   Low glitch: 0.1 nV-sec
   High drive capability: 20 mA
   Low power: 1.2 mW at 3.3 V
   1.8 V VLOGIC compatible
   Wide operating temperature range: −40°C to +105°C

APPLICATIONS
   Process controls
   Data acquisition systems
   Digital gain and offset adjustment
   Programmable voltage sources
   Optical modules




Similar Part No. - AD5693R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD569 AD-AD569 Datasheet
469Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569 Datasheet
433Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569 Datasheet
501Kb / 13P
16-Bit Monotonic Voltage Output D/A Converter
23-Feb-2017
AD5694 AD-AD5694 Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
More results


Similar Description - AD5693R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R Datasheet
830Kb / 32P
Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5683R AD-AD5683R Datasheet
882Kb / 28P
Tiny 16-/14-/12-Bit SPI nanoDAC
12/2016-Rev. C to Rev. D
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
Dual, 16-/12-Bit nanoDAC
7/2017-Rev. A to Rev. B
AD5686 AD-AD5686 Datasheet
746Kb / 27P
Quad, 16-/12-Bit nanoDAC
6/2017-Rev. B to Rev. C
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
4/2017-Rev. C to Rev. D
AD5623R AD-AD5623R_15 Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com