Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5693R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693R Datasheet(HTML) 4 Page - Analog Devices

  AD5693R Datasheet HTML 1Page - Analog Devices AD5693R Datasheet HTML 2Page - Analog Devices AD5693R Datasheet HTML 3Page - Analog Devices AD5693R Datasheet HTML 4Page - Analog Devices AD5693R Datasheet HTML 5Page - Analog Devices AD5693R Datasheet HTML 6Page - Analog Devices AD5693R Datasheet HTML 7Page - Analog Devices AD5693R Datasheet HTML 8Page - Analog Devices AD5693R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 4 of 26
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE OUTPUT
Output Voltage
2.4975
2.5025
V
At ambient temperature
Voltage Reference TC3
See the Terminology section
A Grade
5
20
ppm/°C
B Grade
2
5
ppm/°C
Output Impedance
0.05
Ω
Output Voltage Noise
16.5
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density
240
nV/√Hz
At ambient temperature, f = 10 kHz, CL = 10 nF
Capacitive Load Stability
5
µF
RL = 2 kΩ
Load Regulation Sourcing
50
µV/mA
At ambient temperature, VDD ≥ 3 V
Load Regulation Sinking
30
µV/mA
At ambient temperature
Output Current Load Capability
±5
mA
VDD ≥ 3 V
Line Regulation
80
µV/V
At ambient temperature
Thermal Hysteresis
125
ppm
First cycle
25
ppm
Additional cycles
REFERENCE INPUT
Reference Current
35
µA
VREF = VDD = VLOGIC = 5.5 V, gain = 1
57
µA
VREF = VDD = VLOGIC = 5.5 V, gain = 2
Reference Input Range4
VDD
V
Reference Input Impedance
120
kΩ
Gain = 1
60
kΩ
Gain = 2
LOGIC INPUTS
IIN, Input Current
±1
µA
Per pin
±3
µA
SDA and SCL pins
VINL, Input Low Voltage4
0.3 × VDD
V
VINH, Input High Voltage4
0.7 × VDD
V
CIN, Pin Capacitance
2
pF
LOGIC OUTPUTS (SDA)4
Output Low Voltage, VOL
0.4
V
ISINK = 200 μA
Output High Voltage, VOH
VDD − 0.4
V
ISOURCE = 200 μA
Pin Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC5
1.62
5.5
V
ILOGIC5
0.25
3
µA
VIH = VLOGIC or VIL = GND
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD 6
VIH = VDD, VIL = GND
Normal Mode7
350
500
µA
Internal reference enabled
110
180
µA
Internal reference disabled
Power-Down Modes8
2
µA
1
Linearity calculated using a reduced code range: AD5693R/AD5693 (Code 512 to Code 65,535); AD5692R (Code 128 to Code 16,384); AD5691R (Code 32 to Code 4096).
Output unloaded.
2
When drawing a load current at either rail, the output voltage headroom, with respect to that rail, is limited by the 20 Ω typical channel resistance of the output
devices; for example, when sinking 1 mA, the minimum output voltage with 20 Ω, 1 mA generates 20 mV. See Figure 36 for more details.
3
Voltage reference temperature coefficient is calculated as per the box method. See the Terminology section for more information.
4
Substitute VLOGIC for VDD if the device includes a VLOGIC pin.
5
The VLOGIC pin is not available on all models.
6
If the VLOGIC pin is not available, IDD = IDD + ILOGIC.
7
Interface inactive. DAC active. DAC output unloaded.
8
DAC powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com