Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5693R
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5693R Datasheet HTML 17Page - Analog Devices AD5693R Datasheet HTML 18Page - Analog Devices AD5693R Datasheet HTML 19Page - Analog Devices AD5693R Datasheet HTML 20Page - Analog Devices AD5693R Datasheet HTML 21Page - Analog Devices AD5693R Datasheet HTML 22Page - Analog Devices AD5693R Datasheet HTML 23Page - Analog Devices AD5693R Datasheet HTML 24Page - Analog Devices AD5693R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 21 of 26
Table 12. Command Table1
Command Byte
Data High Byte
Data Low Byte
Operation
DB7
DB6
DB5
DB4
[DB3:DB0]
[DB7:DB3]
[DB2:DB0]
[DB7:DB4]
DB3
DB2
DB1
DB0
0
0
0
0
XXXX
XXXXX
XXX
XXXX
X
X
X
NOP: do nothing.
0
0
0
1
XXXX
DB15:DB11
DB10:DB8
DB7:DB4
DB32
DB22
DB12, 3
DB02,3
Write input register.
0
0
1
0
XXXX
XXXXX
XXX
XXXX
X
X
X
X
Update DAC register (
LDAC
software).
0
0
1
1
XXXX
DB15:DB11
DB10:DB8
DB7:DB4
DB32
DB22
DB12,3
DB02,3
Write DAC and input
registers.
0
1
0
0
XXXX
DB15:DB11
000
0000
0
0
0
0
Write control register.
1
X is don’t care.
2
This bit is a don’t care for the AD5691R.
3
This bit is a don’t care for the AD5692R.
Write Input Register
The input register allows the preloading of a new value for the
DAC register. The transfer from the input register to the DAC
register can be triggered by hardware, the LDAC pin, or by
software using Command 2.
If new data is loaded into the DAC register, the DAC register
automatically overwrites the input register.
Update DAC Register
This command transfers the contents of the input register to the
DAC register and, consequently, the VOUT pin is updated. The
data contained in the serial write is ignored.
This operation is equivalent to a software LDAC.
Write DAC Register
This command updates the DAC output on completion of the
write operation. The input register is refreshed automatically
with the DAC register value.
Write Control Register
The control register is used to set the power-down and gain
functions. It is also used to enable/disable the internal reference
and perform a software reset. See Table 13 for the control
register functionality.
Table 13. Control Register Bits
D15
D14
D13
D12
D11
Reset
PD1
PD0
REF
Gain
Gain Bit
The gain bit selects the gain of the output amplifier. Table 14
shows how the output voltage range corresponds to the state of
the gain bit.
Table 14. Gain Bit
Gain
Output Voltage Range
0
0 V to VREF (default)
1
0 V to 2 × VREF
REF Bit
In the AD5693R/AD5692R/AD5691R only, the on-chip reference
is on at power-up by default. This reference can be turned on or
off by setting a software programmable bit, DB12, in the control
register. Table 15 shows how the state of the bit corresponds to
the mode of operation.
To reduce the power consumption, it is recommended to disable
the internal reference if the device is placed in power-down mode.
Table 15. Reference Bit
REF
Reference Function
0
Reference enabled (default)
1
Reference disabled
PD0 and PD1 Bits
The AD5693R/AD5692R/AD5691R/AD5693 contain two
separate modes of operation that are accessed by writing to the
control register.
In normal mode, the output buffer is directly connected to the
VOUT pin.
In power-down mode, the output buffer is internally disabled
and the VOUT pin output impedance can be selected to a well
known value, as shown in Table 16.
Table 16. Operation Modes
Operating Mode
PD1
PD0
Normal Mode
0
0
Power-Down Modes
1 kΩ Output Impedance
0
1
100 kΩ Output Impedance
1
0
Three-State Output Impedance
1
1
In power-down mode, the device disables the output buffer but
does not disable the internal reference. To achieve maximum
power savings, it is recommended to disable the internal reference.
Disabling both the internal reference and the output buffer
results in the supply current falling to 2 μA at 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com