Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC23B236A Datasheet (PDF) - OKI electronic componets

MSC23B236A Datasheet PDF - OKI electronic componets
Part # MSC23B236A
Download  MSC23B236A Download
File Size   65.18 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE

MSC23B236A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23B236A Datasheet PDF - OKI electronic componets

Part # MSC23B236A
Download  MSC23B236A Click to download

File Size   65.18 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE

MSC23B236A Datasheet (HTML) - OKI electronic componets


MSC23B236A Product details

DESCRIPTION
The Oki MSC23B236A-xxBS8/DS8 is a fully decoded 2,097,152-word x 36-bit CMOS dynamic random access memory composed of four 16-Mb (1M x 16) DRAMs in SOJ and four 2-Mb (1M x 2) DRAMs in SOJ. The mounting of eight DRAMs together with decoupling capacitors on a 72-pin glass epoxy SIMM Package supports any application where high density and large capacity of storage memory are required.

FEATURES
• 2,097,152-word x 36-bit (Parity) organization
• 72-pin SIMM
    MSC23B236A-xxBS8 : Gold tab
    MSC23B236A-xxDS8 : Solder tab
• Single 5 V supply ±10% tolerance
• Input : TTL compatible
• Output : TTL compatible, 3-state, nonlatch
• Refresh : 1024 cycles/16 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Fast Page Mode capability




Similar Part No. - MSC23B236A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D-XXBS8 OKI-MSC23B236D-XXBS8 Datasheet
46Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D-XXDS8 OKI-MSC23B236D-XXDS8 Datasheet
46Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Similar Description - MSC23B236A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23836AA OKI-MSC23836AA Datasheet
610Kb / 8P
8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23837A OKI-MSC23837A Datasheet
72Kb / 8P
8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23236D OKI-MSC23236D Datasheet
89Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23237D-XXBS18 OKI-MSC23237D-XXBS18 Datasheet
89Kb / 9P
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com