Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC23V26457TA Datasheet (PDF) - OKI electronic componets

MSC23V26457TA Datasheet PDF - OKI electronic componets
Part # MSC23V26457TA
Download  MSC23V26457TA Download
File Size   82.22 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC23V26457TA Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23V26457TA Datasheet PDF - OKI electronic componets

Part # MSC23V26457TA
Download  MSC23V26457TA Click to download

File Size   82.22 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC23V26457TA Datasheet (HTML) - OKI electronic componets


MSC23V26457TA Product details

DESCRIPTION
The Oki MSC23V26457TA-xxBS8/MSC23V26457SA-xxBS8 is a fully decoded 2,097,152-word x 64-bit CMOS dynamic random access memory composed of eight 16-Mb DRAMs (2M x 8) in TSOP or SOJ packages mounted with decoupling capacitors on an 168-pin glass epoxy DIMM Package supports any application where high density and large capacity of storage memory are required.

FEATURES
• 2,097,152-word x 64-bit (8 Byte) organization
• 168-pin DIMM
    MSC23V26457TA-xxBS8 : TSOP type
    MSC23V26457SA-xxBS8 : SOJ type
• Single 3.3 V supply ±0.3 V tolerance
• Input : LVTTL compatible
• Output : LVTTL compatible, 3-state, nonlatch
• Refresh : 2048 cycles/32 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Fast Page Mode with EDO capability
• Serial Presence Detect




Similar Part No. - MSC23V26457TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26457TD OKI-MSC23V26457TD Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50 OKI-MSC23V26457TD-50 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50BS8 OKI-MSC23V26457TD-50BS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60 OKI-MSC23V26457TD-60 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60BS8 OKI-MSC23V26457TD-60BS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSC23V26457TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com