Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85014 Datasheet (PDF) - Intersil Corporation

ISL85014 Datasheet PDF - Intersil Corporation
Part # ISL85014
Download  ISL85014 Download
File Size   694.59 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 3.8V to 18V Input, Synchronous Buck Regulator

ISL85014 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85014 Datasheet PDF - Intersil Corporation

Part # ISL85014
Download  ISL85014 Click to download

File Size   694.59 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 14A, 3.8V to 18V Input, Synchronous Buck Regulator

ISL85014 Datasheet (HTML) - Intersil Corporation


ISL85014 Product details

The ISL85014 is a highly efficient, monolithic, synchronous
buck regulator that can deliver 14A of continuous output
current from a 3.8V to 18V input supply. The device uses
current mode control architecture with a fast transient
response and excellent loop stability.
The ISL85014 integrates very low ON-resistance high-side and
low-side FETs to maximize efficiency and minimize external
component count. The minimum BOM and easy layout
footprint are extremely friendly to space constraint systems.
The operation frequency of this device can be set using the
FREQ pin: 600kHz (FREQ = float) and 300kHz (FREQ = GND).
The device can also be synchronized to an external clock up to
1MHz.
Both high-side and low-side MOSFET current limit, along with
reverse current limit, fully protects the regulator in an
overcurrent event. Selectable OCP schemes can fit various
applications. Other protections, such as input/output
overvoltage and over-temperature, are also integrated into the
device and provide required system level safety in the event of
fault conditions.
The ISL85014 is offered in a space saving 15 Ld 3.5mmx3.5mm
Pb-free TQFN package with great thermal performance and
0.8mm maximum height.

Features
• Power input voltage range variable 3.8V to 18V
• PWM output voltage adjustable from 0.6V
• Up to 14A output load
• Prebias start-up, fixed 3ms soft-start
• Selectable fSW of 300kHz, 600kHz and external
synchronization up to 1MHz
• Peak current mode control
- DCM/CCM
- Thermally compensated current limit
- Internal/external compensation
• Open-drain PG window comparator
• Output overvoltage and thermal protection
• Input overvoltage protection
• Integrated boot diode with undervoltage detection
• Selectable OCP schemes
- Hiccup OCP
- Latch-off
• Compact size 3.5mmx3.5mm, 15 Ld TQFN

Applications
• Servers and cloud infrastructure POLs
• IPCs, factory automation, PLCs
• Telecom and networking systems
• Storage systems
• Test measurement




Similar Part No. - ISL85014

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014EVAL1Z RENESAS-ISL85014EVAL1Z Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014FRZ-T RENESAS-ISL85014FRZ-T Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014FRZ-T7A RENESAS-ISL85014FRZ-T7A Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results


Similar Description - ISL85014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com