Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85009 Datasheet (PDF) - Renesas Technology Corp

ISL85009 Datasheet PDF - Renesas Technology Corp
Part # ISL85009
Download  ISL85009 Download
File Size   1802.78 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9A, 3.8V to 18V Input, Synchronous Buck Regulator

ISL85009 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85009 Datasheet PDF - Renesas Technology Corp

Part # ISL85009
Download  ISL85009 Click to download

File Size   1802.78 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9A, 3.8V to 18V Input, Synchronous Buck Regulator

ISL85009 Datasheet (HTML) - Renesas Technology Corp


ISL85009 Product details

Features
• Power input voltage range variable 3.8V to 18V
• PWM output voltage adjustable from 0.6V
• Up to 9A output load
• Prebias start-up, fixed 3ms soft-start
• Selectable fSW of 300kHz, 600kHz, and external
synchronization up to 1MHz
• Peak current mode control
- DCM/CCM
- Thermally compensated current limit
- Internal/external compensation
• Open-drain PG window comparator
• Output overvoltage and thermal protection
• Input overvoltage protection
• Integrated boot diode with undervoltage detection
• Selectable OCP schemes
- Hiccup OCP
- Latch-off
• Compact size 3.5mmx3.5mm, 15 Ld TQFN




Similar Part No. - ISL85009

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
logo
Intersil Corporation
ISL85009EVAL1Z INTERSIL-ISL85009EVAL1Z Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85009FRZ-T INTERSIL-ISL85009FRZ-T Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85009FRZ-T7A INTERSIL-ISL85009FRZ-T7A Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
More results


Similar Description - ISL85009

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3821AMPBF IRF-IR3821AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF_08 Datasheet
677Kb / 21P
HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com