Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP62600 Datasheet (PDF) - Diodes Incorporated

AP62600 Datasheet PDF - Diodes Incorporated
Part # AP62600
Download  AP62600 Download
File Size   2156.82 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER

AP62600 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP62600 Datasheet PDF - Diodes Incorporated

Part # AP62600
Download  AP62600 Click to download

File Size   2156.82 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER

AP62600 Datasheet (HTML) - Diodes Incorporated


AP62600 Product details

Features
VIN: 4.5V to 18V
Output Voltage (VOUT): 0.6V to 7V
6A Continuous Output Current
0.6V ± 1% Reference Voltage
360μA Quiescent Current
Selectable Switching Frequency
 400kHz
 800kHz
 1.2MHz
Selectable Operation Modes
 Pulse Frequency Modulation (PFM)
 Ultrasonic Mode (USM)
 Pulse Width Modulation (PWM)
Programmable Soft-Start Time
Proprietary Gate Driver Design for Best EMI Reduction
Power-Good Indicator
Precision Enable Threshold to Adjust UVLO
Protection Circuitry
 Undervoltage Lockout (UVLO)
 Cycle-by-Cycle Valley Current Limit
 Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
5V and 12V distributed power bus supplies
Television sets and monitors
White goods and small home appliances
FPGA, DSP, and ASIC supplies
Home audios
Network systems
Gaming consoles
Consumer electronics
General purpose point of loads




Similar Part No. - AP62600

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
AP620HA SPECO-AP620HA Datasheet
372Kb / 1P
Mullion Proximity Reader & Keypad
10/14/25
logo
List of Unclassifed Man...
AP6212 ETC2-AP6212 Datasheet
1Mb / 26P
WiFiBluetooth 4.0FM RX SIP Module Spec Sheet
logo
Diodes Incorporated
AP62150 DIODES-AP62150 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 1.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP62150WU-7 DIODES-AP62150WU-7 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 1.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
AP62150Z6-7 DIODES-AP62150Z6-7 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 1.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
More results


Similar Description - AP62600

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9C301FJ-LB ROHM-BD9C301FJ-LB Datasheet
3Mb / 22P
4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com