Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP62500 Datasheet (PDF) - Diodes Incorporated

AP62500 Datasheet PDF - Diodes Incorporated
Part # AP62500
Download  AP62500 Download
File Size   2383.45 Kbytes
Page   27 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER

AP62500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP62500 Datasheet PDF - Diodes Incorporated

Part # AP62500
Download  AP62500 Click to download

File Size   2383.45 Kbytes
Page   27 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER

AP62500 Datasheet (HTML) - Diodes Incorporated


AP62500 Product details

Features
 VIN: 4.5V to 18V
 Output Voltage (VOUT): 0.6V to 7V
 5A Continuous Output Current
 0.6V ± 1% Reference Voltage
 195μA Quiescent Current
 Selectable Switching Frequency
 400kHz
 800kHz
 1.2MHz
 Selectable Operation Modes
 Pulse Frequency Modulation (PFM)
 Ultrasonic Mode (USM)
 Pulse Width Modulation (PWM)
 Programmable Soft-Start Time
 Proprietary Gate Driver Design for Best EMI Reduction
 Power-Good Indicator with 5MΩ Internal Pull-Up Resistor
 Precision Enable Threshold to Adjust UVLO
 Protection Circuitry
 Undervoltage Lockout (UVLO)
 Cycle-by-Cycle Valley Current Limit
 Thermal Shutdown
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Dev ice (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 5V and 12V Distributed Power Bus Supplies
 Television Sets and Monitors
 White Goods and Small Home Appliances
 FPGA, DSP, and ASIC Supplies
 Home Audio
 Network Systems
 Gaming Consoles
 Consumer Electronics
 General Purpose Point of Load




Similar Part No. - AP62500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
WiFi 11ac Bluetooth V4.2 Module
More results


Similar Description - AP62500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9C301FJ-LB ROHM-BD9C301FJ-LB Datasheet
3Mb / 22P
4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com