Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8557 Datasheet (PDF) - AVX Corporation

8557 Datasheet PDF - AVX Corporation
Part # 8557
Download  8557 Download
File Size   142.61 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Male Style 1/2 C High Temperature

8557 Datasheet (PDF)

Go To PDF Page Download Datasheet
8557 Datasheet PDF - AVX Corporation

Part # 8557
Download  8557 Click to download

File Size   142.61 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Male Style 1/2 C High Temperature

8557 Datasheet (HTML) - AVX Corporation




Similar Part No. - 8557

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8557 ETC2-8557 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8557 PHOENIX-8557 Datasheet
325Kb / 23P
AXL E S3 DIO16 M12 6M
logo
Keystone Electronics Co...
8557 KEYSTONE-8557 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
TriQuint Semiconductor
855713 TRIQUINT-855713 Datasheet
56Kb / 1P
71 MHz Low-Loss Filter
855715 TRIQUINT-855715 Datasheet
79Kb / 2P
210.380 MHz Bandpass Filter
More results


Similar Description - 8557

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850039039 MOLEX9-0850039039 Datasheet
70Kb / 3P
2.54mm (.100") Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole
logo
FCI connector
86094647113755000E1 FCI-CONNECTOR-86094647113755000E1 Datasheet
103Kb / 1P
RIGHT ANGLE MALE STYLE C
logo
AVX Corporation
108557096002025 AVX-108557096002025 Datasheet
142Kb / 4P
Male Style 1/2 C High Temperature
logo
FCI connector
86092327624765E1LF FCI-CONNECTOR-86092327624765E1LF Datasheet
92Kb / 1P
STRAIGHT MALE STYLE R/2
logo
AVX Corporation
108457096003025 AVX-108457096003025 Datasheet
362Kb / 12P
Male Style 1/2 B Series 8457 ??2 rows (2 x 16)
8457 AVX-8457 Datasheet
362Kb / 12P
Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
Male Style 1/2 B Press-Fit
8477 AVX-8477 Datasheet
422Kb / 14P
Female Style 1/2 Q
8577 AVX-8577 Datasheet
192Kb / 6P
Female Style 1/2 R High Temperature
logo
Amphenol Communications...
C-8609-2364 AMPHENOLCS-C-8609-2364 Datasheet
165Kb / 1P
DIN STANDARD HEADER ANGLED SPILL DIN 41612 STYLE-C/2 (HIGH TEMPERATURE VERSION)
Rev C
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com