Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8477 Datasheet (PDF) - AVX Corporation

8477 Datasheet PDF - AVX Corporation
Part # 8477
Download  8477 Download
File Size   422.24 Kbytes
Page   14 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Female Style 1/2 Q

8477 Datasheet (PDF)

Go To PDF Page Download Datasheet
8477 Datasheet PDF - AVX Corporation

Part # 8477
Download  8477 Click to download

File Size   422.24 Kbytes
Page   14 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Female Style 1/2 Q

8477 Datasheet (HTML) - AVX Corporation




Similar Part No. - 8477

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8477 ETC2-8477 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Belden Inc.
8477 BELDEN-8477 Datasheet
174Kb / 2P
Electronic, 2 C #12 Str TC, PVC Ins, PVC Jkt, CL3R
03-04-2023
logo
Keystone Electronics Co...
8477 KEYSTONE-8477 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
8477 KEYSTONE-8477 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
logo
Belden Inc.
8477.0601000 BELDEN-8477.0601000 Datasheet
174Kb / 2P
Electronic, 2 C #12 Str TC, PVC Ins, PVC Jkt, CL3R
03-04-2023
More results


Similar Description - 8477

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100103210114 ERNI-100103210114 Datasheet
72Kb / 1P
Federleiste Q/2 32 Lot female con.
logo
AVX Corporation
8457 AVX-8457 Datasheet
362Kb / 12P
Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
Male Style 1/2 B Press-Fit
8557 AVX-8557 Datasheet
142Kb / 4P
Male Style 1/2 C High Temperature
8577 AVX-8577 Datasheet
192Kb / 6P
Female Style 1/2 R High Temperature
logo
Huber+Suhner, Inc.
43_BNC-50-0-1133_N HUBERSUHNER-43_BNC-50-0-1133_N Datasheet
482Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_BNC-75-0-1133_N HUBERSUHNER-43_BNC-75-0-1133_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_SMA-50-0-1111_N HUBERSUHNER-43_SMA-50-0-1111_N Datasheet
499Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_SMB-50-0-2111_N HUBERSUHNER-43_SMB-50-0-2111_N Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com