Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8477 Datasheet(PDF) 8 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 8 Page - AVX Corporation

Back Button 8477 Datasheet HTML 4Page - AVX Corporation 8477 Datasheet HTML 5Page - AVX Corporation 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation 8477 Datasheet HTML 10Page - AVX Corporation 8477 Datasheet HTML 11Page - AVX Corporation 8477 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
58
DIMENSIONS
LOADING DESCRIPTION
Female Style R
Series 8477 – 3 rows (3 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
20 8477 096 002 025
20 8477 096 002 049
64
a + c fully loaded
20 8477 096 002 026
20 8477 096 002 050
3.0 mm (Y)
32
a + c even loading
20 8477 096 002 033
20 8477 096 002 057
0.6 x 0.6 mm Right Angled
32
a loading only
20 8477 096 002 027
20 8477 096 002 051
96
a + b + c fully loaded
20 8477 096 008 025
20 8477 096 008 049
0.6 x 0.6 mm
64
a + c fully loaded
20 8477 096 008 026
20 8477 096 008 050
11.43 mm (Y)
32
a + c even loading
20 8477 096 008 033
20 8477 096 008 057
Right Angled
32
a loading only
20 8477 096 008 027
20 8477 096 008 051
96
a + b + c fully loaded
20 8477 096 012 025
20 8477 096 012 049
0.6 x 0.6 mm
64
a + c fully loaded
20 8477 096 012 026
20 8477 096 012 050
4.5 mm (Y)
32
a + c even loading
20 8477 096 012 033
20 8477 096 012 057
Right Angled
32
a loading only
20 8477 096 012 027
20 8477 096 012 051
96 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
64 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
32 contacts, rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
32 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
No. Contact
Contact
Positions
Rows
A
B
C
D
E
96
3 (3 x 32)
31
78.74
93.90
88.90
84.91
(3.100)
(3.367)
(3.500)
(3.343)
NB: Alternative Prefix Variations Available: 26, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
D
HOLE PATTERN
ROW A
ROW B
D
ROW B
ROW A
Y
KEYING
ROW C
ROW C
A EQ SP @ 2.54 [0.100] = B
8.46
[0.333]
10.5
[0.413]
10.5
[0.413]
13.4
[0.528]
DIA.
1.02
[0.040]
A EQ SP @ 2.54 [0.100] = B
DIA.
2.54
[0.100]
5.08 [0.200]
5.31
[0.209]
2.54
[0.100]
2.84
[0.112]
DIA.
For Y dimension
see contact design
C
E
D
2.54
[0.100]
5.08
[0.200]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com