Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFB213004F Datasheet (PDF) - Cree, Inc

PTFB213004F Datasheet PDF - Cree, Inc
Part # PTFB213004F
Download  PTFB213004F Download
File Size   528.45 Kbytes
Page   16 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz

PTFB213004F Datasheet (PDF)

Go To PDF Page Download Datasheet
PTFB213004F Datasheet PDF - Cree, Inc

Part # PTFB213004F
Download  PTFB213004F Click to download

File Size   528.45 Kbytes
Page   16 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz

PTFB213004F Datasheet (HTML) - Cree, Inc


PTFB213004F Product details

Description
The PTFB213004F is a 300-watt LDMOS FET designed for class AB operation in cellular amplifiers covering the 2110 to 2170 MHz frequency band. Features include high peak power, input and output match, and a thermally-enhanced, open-cavity earless ceramic package.

Features
• Broadband internal matching
• Enhanced for use in DPD error correction systems
• Wide video bandwidth
• Typical single-carrier WCDMA performance at
   2170 MHz, 30 V
   - POUT = 49.5 dBm Avg
   - Gain = 17.5 dB
   - Efficiency = 30%
• Increased negative gate-source voltage range for
   improved performance in Doherty amplifiers
• Capable of handling 10:1 VSWR @ 30 V, 300 W
   (CW) output power
• Excellent thermal stability
• Integrated ESD protection
• Pb-free and RoHS-compliant




Similar Part No. - PTFB213004F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTFB213004FV2R0 INFINEON-PTFB213004FV2R0 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTFB213004FV2R0XTMA1 INFINEON-PTFB213004FV2R0XTMA1 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTFB213004FV2R250 INFINEON-PTFB213004FV2R250 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results


Similar Description - PTFB213004F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
logo
Infineon Technologies A...
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com