Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF211802 Datasheet (PDF) - Infineon Technologies AG

PTF211802 Datasheet PDF - Infineon Technologies AG
Part # PTF211802
Download  PTF211802 Download
File Size   169.14 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz

PTF211802 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF211802 Datasheet PDF - Infineon Technologies AG

Part # PTF211802
Download  PTF211802 Click to download

File Size   169.14 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz

PTF211802 Datasheet (HTML) - Infineon Technologies AG


PTF211802 Product details

Features
• Broadband internal matching
• Typical two–carrier WCDMA performance
   - Average output power = 38 W
   - Gain = 15 dB
   - Efficiency = 25%
   - IM3 = –37 dBc
   - ACPR < –42 dBc
• Typical CW performance
   - Output power at P–1dB = 180 W
   - Efficiency = 50%
• Integrated ESD protection: Human Body
   Model, Class 1 (minimum)
• Excellent thermal stability
• Low HCI drift
• Capable of handling 10:1 VSWR @ 28 V,
   180 W (CW) output power




Similar Part No. - PTF211802

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211301A INFINEON-PTF211301A Datasheet
449Kb / 9P
LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
More results


Similar Description - PTF211802

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
logo
Infineon Technologies A...
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com