Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1641 Datasheet (PDF) - Toshiba Semiconductor

2SB1641 Datasheet PDF - Toshiba Semiconductor
Part # 2SB1641
Download  2SB1641 Download
File Size   184.77 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH POWER SWITCHING APPLICATIONS

2SB1641 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1641 Datasheet PDF - Toshiba Semiconductor

Part # 2SB1641
Download  2SB1641 Click to download

File Size   184.77 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH POWER SWITCHING APPLICATIONS

2SB1641 Datasheet (HTML) - Toshiba Semiconductor


2SB1641 Product details

High-Power Switching Applications
Hammer Drive, Pulse Motor Drive Applications

• High DC current gain: hFE = 1500 (min) (VCE = −3 V, IC = −2.5 A)
• Low saturation voltage: VCE (sat) = −1.5 V (max) (IC = −2.5 A)
• Complementary to 2SD2526




Similar Part No. - 2SB1641

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1640 TOSHIBA-2SB1640 Datasheet
138Kb / 4P
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SB1640 TOSHIBA-2SB1640 Datasheet
142Kb / 5P
Silicon PNP Triple Diffused Type
logo
Savantic, Inc.
2SB1640 SAVANTIC-2SB1640 Datasheet
214Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1640 JMNIC-2SB1640 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1640 ISC-2SB1640 Datasheet
128Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB1641

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
High Power Switching Applications
GT15M321 TOSHIBA-GT15M321_06 Datasheet
426Kb / 6P
HIGH POWER SWITCHING APPLICATIONS
2SD1415A TOSHIBA-2SD1415A_09 Datasheet
162Kb / 5P
High-Power Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
2SC2204 TOSHIBA-2SC2204 Datasheet
93Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
HIGH POWER SWITCHING APPLICATIONS.
2SD664 TOSHIBA-2SD664 Datasheet
215Kb / 3P
HIGH POWER SWITCHING APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com