Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-700 Datasheet (PDF) - AVX Corporation

9155-700 Datasheet PDF - AVX Corporation
Part # 9155-700
Download  9155-700 Download
File Size   2322.51 Kbytes
Page   13 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Right Angle 2.0mm Pitch Connector

9155-700 Datasheet (PDF)

Go To PDF Page Download Datasheet
9155-700 Datasheet PDF - AVX Corporation

Part # 9155-700
Download  9155-700 Click to download

File Size   2322.51 Kbytes
Page   13 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Right Angle 2.0mm Pitch Connector

9155-700 Datasheet (HTML) - AVX Corporation




Similar Part No. - 9155-700

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
More results


Similar Description - 9155-700

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200132FR SUYIN-USA-200132FR Datasheet
208Kb / 1P
2.0mm DUAL ROW SOCKET RIGHT ANGLE P.C.B.MOUNT TYPE
200139FR SUYIN-USA-200139FR Datasheet
114Kb / 1P
2.0mm DUAL ROW SOCKET RIGHT ANGLE DIP TYPE
200155FB SUYIN-USA-200155FB Datasheet
160Kb / 1P
2.0mm SOCKET RIGHT ANGLE SMD TYPE
200169FS SUYIN-USA-200169FS Datasheet
182Kb / 1P
2.0mm PITCH BATTERY CONNECTOR
200221MR SUYIN-USA-200221MR Datasheet
151Kb / 1P
2.0mm PITCH PLUG RIGHT ANGLE TYPE FOR 2.5" H.D.D CONNECTOR
200221MR044G501ZU SUYIN-USA-200221MR044G501ZU Datasheet
131Kb / 1P
2.0mm PITCH PLUG RIGHT ANGLE TYPE FOR 2.5" H.D.D CONNECTOR
200221MR044G505ZU SUYIN-USA-200221MR044G505ZU Datasheet
152Kb / 1P
2.0mm PITCH PLUG RIGHT ANGLE TYPE FOR 2.5" H.D.D
200225MB SUYIN-USA-200225MB Datasheet
179Kb / 1P
2.0mm PLUG RIGHT ANGLE SMD TYPE
200255MB SUYIN-USA-200255MB Datasheet
148Kb / 1P
2.0mm PITCH SOCKET RIGHT ANGLE TYPE
logo
Tyco Electronics
1734493 MACOM-1734493 Datasheet
170Kb / 2P
AMPMODU 2.0mm PITCH, RIGHT ANGLE, DUAL ROW, THRU-HOLE
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com