Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-500 Datasheet (PDF) - Kyocera Kinseki Corpotation

9155-500 Datasheet PDF - Kyocera Kinseki Corpotation
Part # 9155-500
Download  9155-500 Download
File Size   701.7 Kbytes
Page   7 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Right Angle 2.5mm Pitch 9155-500

9155-500 Datasheet (PDF)

Go To PDF Page Download Datasheet
9155-500 Datasheet PDF - Kyocera Kinseki Corpotation

Part # 9155-500
Download  9155-500 Click to download

File Size   701.7 Kbytes
Page   7 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Right Angle 2.5mm Pitch 9155-500

9155-500 Datasheet (HTML) - Kyocera Kinseki Corpotation


9155-500 Product details

KYOCERA AVX extends the battery connector range with the addition of a
low profile 2.5mm pitch right angle connector. This connector is offered
in 2 to 5 positions and is rated at 3 amps. The connector’s design is small
and compact to minimize its profile yet functionally stable having a contact
point at 2.20mm above the PCB.
The unique design of this stamped contact allows for a maximum insulator
height of 4.0mm which makes it size compatible with more expensive
pogo pin style battery connectors.
The complete family of battery connectors from KYOCERA AVX offer all
of the same advantages; Beryllium Copper base material for enhanced
contact performance, a full 3 amp current rating, selective gold plating for
5000 mating cycles and high temperature plastic for RoHS soldering.
APPLICATIONS
Mobile Phones
• Digital Music Players
• Any Handheld Devices
FEATURES AND BENEFITS
Reliable stamped contact with coined nose
• Full 1.5mm nose deflection for large operating range
• Two anchor tabs for mechanical stability
• 5000 cycle durability rating
• Minimized X, Y and Z package dimensions
ELECTRICAL
• Current Rating: 3 Amp / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94 HB
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel
• Durability: 5000 Cycles




Similar Part No. - 9155-500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
9155-700 AVX-9155-700 Datasheet
2Mb / 13P
Right Angle 2.0mm Pitch Connector
More results


Similar Description - 9155-500

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA003XX00XX SUYIN-USA-250117MA003XX00XX Datasheet
98Kb / 1P
2.5mm Pitch Battery
250117MA003XX04XX SUYIN-USA-250117MA003XX04XX Datasheet
78Kb / 1P
2.5mm Pitch Battery
logo
LUMEX INC.
SSF-LXH25780HGW LUMEX-SSF-LXH25780HGW Datasheet
47Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780ID LUMEX-SSF-LXH25780ID Datasheet
46Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780IGW LUMEX-SSF-LXH25780IGW Datasheet
49Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780SRD LUMEX-SSF-LXH25780SRD Datasheet
45Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780YD LUMEX-SSF-LXH25780YD Datasheet
63Kb / 1P
2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com