Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-500 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # 9155-500
Description  Right Angle 2.5mm Pitch 9155-500
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

9155-500 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  9155-500 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 9155-500 Datasheet HTML 2Page - Kyocera Kinseki Corpotation 9155-500 Datasheet HTML 3Page - Kyocera Kinseki Corpotation 9155-500 Datasheet HTML 4Page - Kyocera Kinseki Corpotation 9155-500 Datasheet HTML 5Page - Kyocera Kinseki Corpotation 9155-500 Datasheet HTML 6Page - Kyocera Kinseki Corpotation 9155-500 Datasheet HTML 7Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
35
– specialty connectors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
4 WAY RIGHT ANGLE BATTERY CONNECTOR
DEFLECTIVE CONNECTOR
UNDEFLECTED CONTACT
SUGGESTED PCB LAYOUT
NOTES:
1. GENERAL TOLERANCE ±0.20 UNLESS OTHERWISE STATED.
2. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO SPEC 201-01-114.
3. FOR MATING PAD DETAILS REFER TO PAGE 36.
4. PACKING DETAILS ON PAGE 35.
5. INSULATOR MATERIAL: 30% GLASS FILLED NYLON 46, UL94 V-O. COLOR BLACK.
6. CONTACT MATERIAL: BERYLLIUM COPPER.
7. CONTACT PLATING: SELECTIVE GOLD OVER NICKEL, PURE TIN ON TAILS.
8. BRACKET MATERIAL: PHOSPHOR BRONZE.
9. BRACKET PLATING: PURE TIN OVER NICKEL.
10. NOMINAL CONTACT FORCE 140 GRAMS AT 1.50 DEFLECTION.
11. CONPLANARITY OF ALL CONTACT TAILS AND PADS 0.10MM MAXIMUM.
Right Angle 2.5mm Pitch 9155-500 .
BATTERY CONNECTORS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com