Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5376F Datasheet (PDF) - Toshiba Semiconductor

2SC5376F Datasheet PDF - Toshiba Semiconductor
Part # 2SC5376F
Download  2SC5376F Download
File Size   110.33 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications

2SC5376F Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5376F Datasheet PDF - Toshiba Semiconductor

Part # 2SC5376F
Download  2SC5376F Click to download

File Size   110.33 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications

2SC5376F Datasheet (HTML) - Toshiba Semiconductor


2SC5376F Product details

Audio Frequency General Purpose Amplifier Applications

For Muting and Switching Applications



• Low Collector Saturation Voltage: VCE (sat) (1) = 15 mV (typ.)

                                              @IC = 10 mA/IB = 0.5 mA

• High Collector Current: IC = 400 mA (max)




Similar Part No. - 2SC5376F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5376F TOSHIBA-2SC5376F Datasheet
162Kb / 5P
Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
2SC5376FV TOSHIBA-2SC5376FV Datasheet
158Kb / 5P
Audio Frequency General Purpose Amplifier Applications
2SC5376FV TOSHIBA-2SC5376FV Datasheet
161Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
2SC5376FV-A TOSHIBA-2SC5376FV-A Datasheet
161Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
2SC5376F TOSHIBA-2SC5376F_07 Datasheet
162Kb / 5P
Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - 2SC5376F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1953 TOSHIBA-2SA1953 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1954 TOSHIBA-2SA1954 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SC5376 TOSHIBA-2SC5376 Datasheet
163Kb / 4P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, FOR MUTING AND SWITCHING APPLICATIONS)
HN4C05JU TOSHIBA-HN4C05JU Datasheet
166Kb / 3P
MULTI CHIP DISCRETE DEVICE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS FOR MUTING AND SWITCHING APPLICATIONS)
2SA1955 TOSHIBA-2SA1955_07 Datasheet
437Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1953 TOSHIBA-2SA1953_07 Datasheet
196Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954 TOSHIBA-2SA1954_07 Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955FV TOSHIBA-2SA1955FV Datasheet
223Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954-B TOSHIBA-2SA1954-B Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SC5376FV-A TOSHIBA-2SC5376FV-A Datasheet
161Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com