Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5759 Datasheet (PDF) - Hitachi Semiconductor

2SC5759 Datasheet PDF - Hitachi Semiconductor
Part # 2SC5759
Download  2SC5759 Download
File Size   92.25 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial UHF / VHF wide band amplifier

2SC5759 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5759 Datasheet PDF - Hitachi Semiconductor

Part # 2SC5759
Download  2SC5759 Click to download

File Size   92.25 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Epitaxial UHF / VHF wide band amplifier

2SC5759 Datasheet (HTML) - Hitachi Semiconductor


2SC5759 Product details

Features
• High gain bandwidth product fT = 10.6 GHz typ.
• High power gain and low noise figure ; PG = 11.5B typ. , NF = 1.1 dB typ. at f = 900 MHz
• Very low distortion Output IP3 (800 MHz) = 36 dBm typ.




Similar Part No. - 2SC5759

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
2SC5750-T1 RENESAS-2SC5750-T1 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
2SC5751 CEL-2SC5751 Datasheet
3Mb / 16P
MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
logo
Renesas Technology Corp
2SC5751 RENESAS-2SC5751 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR
2001
More results


Similar Description - 2SC5759

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
logo
Renesas Technology Corp
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com