Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-665P8 Datasheet (PDF) - Agilent(Hewlett-Packard)

MGA-665P8 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MGA-665P8
Download  MGA-665P8 Download
File Size   188.32 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier

MGA-665P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGA-665P8 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MGA-665P8
Download  MGA-665P8 Click to download

File Size   188.32 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier

MGA-665P8 Datasheet (HTML) - Agilent(Hewlett-Packard)


MGA-665P8 Product details

Description
Agilent’s MGA-665P8 is an economical, easy-to-use GaAs MMIC Low Noise Amplifier (LNA) with a unique active-low power down function. The LNA has low noise figure and high gain achieved through the use of Agilent Technologies’ proprietary GaAs Enhancement-mode PHEMT process. It is housed in a miniature 2.0 x 2.0 x 0.75 mm 8-pin Leadless-Plastic-ChipCarrier (LPCC) package. The compact footprint and low profile coupled with low noise, high gain and high linearity makes the MGA-665P8 an ideal choice as an LNA for broadband generalpurpose applications. Its excellent broadband isolation also makes it a good buffer amplifier.

Features
• Active-low power-down function
• Single +3 V supply operation
• Low noise and high gain MMIC
• Output 50 Ω match
• Excellent isolation
• Minimal match and external biasing components
• Housed in miniature 2 x 2 x 0.75 mm LPCC package
• Pb-free & MSL-1 package




Similar Part No. - MGA-665P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
0.5 ??6 GHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
More results


Similar Description - MGA-665P8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC565LC5 HITTITE-HMC565LC5_09 Datasheet
226Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
DEMO-MGA-665P8A BOARDCOM-DEMO-MGA-665P8A Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com