Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM446 Datasheet (PDF) - ELM Electronics

ELM446 Datasheet PDF - ELM Electronics
Part # ELM446
Download  ELM446 Download
File Size   19.66 Kbytes
Page   3 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 50 HZ GENERATOR

ELM446 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM446 Datasheet PDF - ELM Electronics

Part # ELM446
Download  ELM446 Click to download

File Size   19.66 Kbytes
Page   3 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description 50 HZ GENERATOR

ELM446 Datasheet (HTML) - ELM Electronics


ELM446 Product details

Description
The ELM446 is an 8 pin digital divider integrated circuit, that provides both 50Hz and 1Hz outputs from a common 3.58MHz NTSC colourburst crystal.

Features
• Low power CMOS design
• Wide supply range - 3.0 to 5.5 volt operation
• 3.58MHz crystal controlled operation
• Generates both 50Hz and 1Hz references
• Low parts count
• Complementary 50Hz outputs
• High current drive outputs - up to 25 mA

Applications
• Stable 50Hz reference
• Master oscillator for clock / timekeeping functions
• Decimal based time reference for easier period calculations




Similar Part No. - ELM446

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM440 ELM-ELM440 Datasheet
31Kb / 4P
60Hz Generator
logo
Everlight Electronics C...
ELM440A EVERLIGHT-ELM440A Datasheet
696Kb / 10P
4PIN MINI FLAT PACKAGE SOLID STATE RELAY
logo
ELM Electronics
ELM440P ELM-ELM440P Datasheet
31Kb / 4P
60Hz Generator
ELM440SM ELM-ELM440SM Datasheet
31Kb / 4P
60Hz Generator
More results


Similar Description - ELM446

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
50/60 Hz Power Transformers
logo
ELM Electronics
ELM382 ELM-ELM382 Datasheet
34Kb / 4P
50 Hz Long Interval Counter
logo
KR Electronics, Inc.
3164 KR-3164 Datasheet
49Kb / 2P
50 Hz Lowpass
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
50/60 Hz Current Sensor
logo
Dialog Semiconductor
SLG7NT128V DIALOG-SLG7NT128V Datasheet
400Kb / 10P
1 Hz Interrupt Generator
SLG7NT4198V DIALOG-SLG7NT4198V Datasheet
177Kb / 9P
1 Hz Interrupt Generator
SLG7NT4505 DIALOG-SLG7NT4505 Datasheet
354Kb / 10P
1 Hz Interrupt Generator
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
50/60 HZ TRANSFORMERS
logo
Mallory Sonalert Produc...
PMO-4015SN-42UQ MSPI-PMO-4015SN-42UQ Datasheet
102Kb / 1P
Frequency 50 - 12000 Hz
logo
Renesas Technology Corp
SLG7NT4505V RENESAS-SLG7NT4505V Datasheet
288Kb / 10P
1 Hz Interrupt Generator
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com