Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAV20WS-G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAV20WS-G
Download  BAV20WS-G Download
File Size   162.92 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 120V - 250V Switching Diodes

BAV20WS-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV20WS-G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAV20WS-G
Download  BAV20WS-G Click to download

File Size   162.92 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 120V - 250V Switching Diodes

BAV20WS-G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - BAV20WS-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV20WS-G VISHAY-BAV20WS-G Datasheet
91Kb / 4P
Small Signal Switching Diodes, High Voltage
27-Sep-16
BAV20WS-G VISHAY-BAV20WS-G Datasheet
90Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAV20WS-G VISHAY-BAV20WS-G Datasheet
92Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAV20WS-G VISHAY-BAV20WS-G Datasheet
92Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAV20WS-G3-08 VISHAY-BAV20WS-G3-08 Datasheet
91Kb / 4P
Small Signal Switching Diodes, High Voltage
27-Sep-16
More results


Similar Description - BAV20WS-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3600 MICROSEMI-1N3600 Datasheet
88Kb / 2P
200mA Low Power, Switching
logo
Rohm
RHU002N06 ROHM-RHU002N06 Datasheet
62Kb / 5P
Switching (60V, 200mA)
SM6K2 ROHM-SM6K2 Datasheet
88Kb / 5P
Switching (60V, 200mA)
RDN080N25 ROHM-RDN080N25 Datasheet
53Kb / 4P
Switching (250V, 8A)
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
logo
GETAI ELECTRONICS DEVIC...
HVC10F GETEDZ-HVC10F Datasheet
72Kb / 1P
10kV 200mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
logo
Taiwan Semiconductor Co...
BAS19W TSC-BAS19W Datasheet
143Kb / 5P
SOT-323 100-250V/200mA Switching Diode
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
Switching (250V, 16A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com