Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS33 Datasheet (PDF) - SUNMATE electronic Co., LTD

BAS33 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BAS33
Download  BAS33 Download
File Size   188.6 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 200mA Axial Leaded Small Signal Switching Diodes

BAS33 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS33 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BAS33
Download  BAS33 Click to download

File Size   188.6 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 200mA Axial Leaded Small Signal Switching Diodes

BAS33 Datasheet (HTML) - SUNMATE electronic Co., LTD




Similar Part No. - BAS33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAS33 VISHAY-BAS33 Datasheet
113Kb / 4P
Small Signal Switching Diodes
16-Feb-07
BAS33 VISHAY-BAS33 Datasheet
102Kb / 3P
Small Signal Switching Diodes
17-Aug-10
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
329Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
78Kb / 3P
Small Signal Switching Diodes
26-Nov-2021
More results


Similar Description - BAS33

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
200mA Axial Leaded Fast Switching Diode
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
0.1A Axial Leaded Small Signal Switching Diode
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
0.1/0.2A Axial Leaded Small Signal Switching Diode
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
200mA Axial Leaded Schottky Barrier Diodes
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT42WS CITC-BAT42WS Datasheet
90Kb / 3P
200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
200mA Surface Mount Small Signal Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com