Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55 Datasheet (PDF) - SUNMATE electronic Co., LTD

BZX55 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BZX55
Download  BZX55 Download
File Size   1128.58 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 500mW Axial Leaded Small Signal Zener Diodes

BZX55 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BZX55
Download  BZX55 Click to download

File Size   1128.58 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 500mW Axial Leaded Small Signal Zener Diodes

BZX55 Datasheet (HTML) - SUNMATE electronic Co., LTD


BZX55 Product details

Features
● Very sharp reverse characteristic
● Low reverse current level
● Very high stability
● Low noise
● Available with tighter tolerances
● Lead (Pb)-free component
● Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - BZX55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
Voltage regulator diodes
1996 Apr 26
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
SILICON PLANAR ZENER DIODES??????
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX55 GOOD-ARK-BZX55 Datasheet
146Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55 VISHAY-BZX55 Datasheet
137Kb / 8P
Small Signal Zener Diodes
05-Jul-07
More results


Similar Description - BZX55

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
2Watts Axial leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
3Watts Axial Leaded Zener Diodes
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
3Watts Axial Leaded Zener Diodes
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
AXIAL LEADED SILICON ZENER DIODES
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
AXIAL LEADED SILICON ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com