Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS33 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS33
Description  200mA Axial Leaded Small Signal Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS33 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS33 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS33 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Axial Leaded Small Signal Switching Diodes
1 of 2
Features
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
Mechanical Data
·
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Silicon planar diodes
·
·
Case: DO35 glass case
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per ammopack (52 mm tape), 50 k/box
·
·
·
BAS33/BAS34
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Very low reverse current
and WEEE 2002/96/EC
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
BAS33
VR
30
V
BAS34
VR
60
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Forward continuous current
IF
200
mA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
E
≤ 300 lx, V
R
IR
13
nA
E
≤ 300 lx, V
R, Tj = 125 °C
IR
0.5
μA
E
≤ 300 lx, V
R = 15V
BAS33
IR
0.5
1
nA
E
≤ 300 lx, V
R = 30 V
BAS34
IR
0.5
1
nA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
BAS33
V(BR)
40
V
BAS34
V(BR)
70
V
Diode capacitance
VR = 0, f = 1 MHz
CD
3pF


Similar Part No. - BAS33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
35Kb / 3P
Silicon Planar Diodes
01-Apr-99
BAS33 VISHAY-BAS33 Datasheet
113Kb / 4P
Small Signal Switching Diodes
16-Feb-07
BAS33 VISHAY-BAS33 Datasheet
102Kb / 3P
Small Signal Switching Diodes
17-Aug-10
logo
SUNMATE electronic Co.,...
BAS33 SUNMATE-BAS33 Datasheet
329Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
Vishay Siliconix
BAS33 VISHAY-BAS33 Datasheet
78Kb / 3P
Small Signal Switching Diodes
26-Nov-2021
More results

Similar Description - BAS33

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
200mA Axial Leaded Fast Switching Diode
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
0.1A Axial Leaded Small Signal Switching Diode
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
0.1/0.2A Axial Leaded Small Signal Switching Diode
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
200mA Axial Leaded Schottky Barrier Diodes
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
200mA Surface Mount Small Signal Diodes
BAT42WS CITC-BAT42WS Datasheet
90Kb / 3P
200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
200mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com