Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102D Datasheet (PDF) - List of Unclassifed Manufacturers

DM9102D Datasheet PDF - List of Unclassifed Manufacturers
Part # DM9102D
Download  DM9102D Download
File Size   2245.15 Kbytes
Page   70 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SINGLE CHIP FAST ETHEMET NIC CONTROLLER

DM9102D Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9102D Datasheet PDF - List of Unclassifed Manufacturers

Part # DM9102D
Download  DM9102D Click to download

File Size   2245.15 Kbytes
Page   70 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description SINGLE CHIP FAST ETHEMET NIC CONTROLLER

DM9102D Datasheet (HTML) - List of Unclassifed Manufacturers


DM9102D Product details

[Davicom]



General Description

The DM9102D is a fully integrated and cost effective single chip Fast Ethernet NIC controller. It is designed with low power and high performance process. It is a 2.5/3.3V device with 5V tolerance.

The DM9102D provides direct interface to the PCI bus and supports bus master mode to achieve the high performance of the PCI bus. It fully complies with PCI 2.2. In the media side, the DM9102D interfaces to the UTP3, 4, 5 in 10Base-T and the UTP5 in 100Base-TX. It is fully compliant with the IEEE 802.3u Spec. The auto-negotiation and



Features

■ Integrated Fast Ethernet MAC, Physical Layer and transceiver in one chip.

■ 128 pin LQFP with CMOS process.

■ +2.5/3.3V Power supply with +5V tolerant I/O.

■ Comply with PCI specification 2.2.

■ PCI bus master architecture.

■ PCI bus burst mode data transfer.

■ Two large independent transmission and receipt FIFO.

■ Up to 256K bytes Boot EPROM or Flash interface.

■ EEPROM 93C46 interface automatically supports node ID load and configuration information.

■ Comply with IEEE 802.3u 100Base-TX and 802.3 10Base-T.

■ Comply with IEEE 802.3u auto-negotiation protocol for automatic link type selection.

■ Support IEEE 802.3x Full Duplex Flow Control.

■ VLAN frame length support.

■ IP/TCP/UDP checksum generation and checking.

■ Zero copy supporting.

■ Comply with ACPI and PCI Bus Power Management.

■ Support the MII (Media Independent Interface) for an external PHY.

■ Support Wake-On-LAN function and remote wake-up (Magic packet, Link Change and Microsoft® wake-up frame).

■ Support 4 Wake-On-LAN (WOL) signals (active high pulse, active low pulse, active high, active low.)

■ High performance 100Mbps clock generator and data recovery circuit.

■ Digital clock recovery circuit, using advanced digital algorithm to reduce jitter.

■ Adaptive equalization circuit and Baseline wandering restoration circuit for 100Mbps receiver.

■ Provides Loopback mode for easy system diagnostics.

■ Support HP Auto-MDIX.

■ Low power consumption modes:

   - Power reduced mode (cable detection)

   - Power down mode

   - Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power reduction. (1.25:1 transformers for Non Auto-MDIX only).



 




Similar Part No. - DM9102D

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results


Similar Description - DM9102D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com