Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400B Datasheet (PDF) - OKI electronic componets

MSM5117400B Datasheet PDF - OKI electronic componets
Part # MSM5117400B
Download  MSM5117400B Download
File Size   96.85 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5117400B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5117400B Datasheet PDF - OKI electronic componets

Part # MSM5117400B
Download  MSM5117400B Click to download

File Size   96.85 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5117400B Datasheet (HTML) - OKI electronic componets


MSM5117400B Product details

DESCRIPTION
The MSM5117400B is a 4,194,304-word x 4-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM5117400B achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5117400B is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP.

FEATURES
• 4,194,304-word x 4-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 2048 cycles/32 ms
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Package options:
    26/24-pin 300 mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM5117400B-xxSJ)
    26/24-pin 300 mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM5117400B-xxTS-K)
                                                       (TSOPII26/24-P-300-1.27-L) (Product : MSM5117400B-xxTS-L)
                                                                                                              xx indicates speed rank.




Similar Part No. - MSM5117400B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400F OKI-MSM5117400F Datasheet
214Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM5117400B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400D OKI-MSM51V16400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com