Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400F Datasheet (PDF) - OKI electronic componets

MSM5117400F Datasheet PDF - OKI electronic componets
Part # MSM5117400F
Download  MSM5117400F Download
File Size   214.19 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5117400F Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5117400F Datasheet PDF - OKI electronic componets

Part # MSM5117400F
Download  MSM5117400F Click to download

File Size   214.19 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM5117400F Datasheet (HTML) - OKI electronic componets


MSM5117400F Product details

DESCRIPTION
The MSM5117400F is a 4,194,304-word × 4-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS technology. The MSM5117400F achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5117400F is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP.

FEATURES
• 4,194,304-word × 4-bit configuration
• Single 5V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 2048 cycles/32ms
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Packages
    26/24-pin 300mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM5117400F-xxSJ)
    26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-0.80-K) (Product : MSM5117400F-xxTS-K)
                                                                                                                xx indicates speed rank.




Similar Part No. - MSM5117400F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B OKI-MSM5117400B Datasheet
96Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM5117400F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117405F OKI-MSM5117405F Datasheet
220Kb / 17P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16405F OKI-MSM51V16405F Datasheet
243Kb / 18P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17400F OKI-MSM51V17400F Datasheet
238Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51X17400F OKI-MSM51X17400F Datasheet
148Kb / 13P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400F OKI-MSM5116400F Datasheet
239Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com