Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400F Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM5117400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400F Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5117400F Datasheet HTML 4Page - OKI electronic componets MSM5117400F Datasheet HTML 5Page - OKI electronic componets MSM5117400F Datasheet HTML 6Page - OKI electronic componets MSM5117400F Datasheet HTML 7Page - OKI electronic componets MSM5117400F Datasheet HTML 8Page - OKI electronic componets MSM5117400F Datasheet HTML 9Page - OKI electronic componets MSM5117400F Datasheet HTML 10Page - OKI electronic componets MSM5117400F Datasheet HTML 11Page - OKI electronic componets MSM5117400F Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FEDD5117400F-01
1Semiconductor
MSM5117400F
8/15
Notes: 1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight initialization
cycles (
RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved.
2. The AC characteristics assume tT = 5ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT)
are measured between VIH and VIL.
4. -50 is measured with a load circuit equivalent to 2TTL load and 50pF, and -60/-70 is measured with a
load circuit equivalent to 2TTL load and 100pF.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit,
then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit,
then the access time is controlled by tAA.
7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit condition and
are not referenced to output voltage levels.
8. tRCH or tRRH must be satisfied for a read cycle.
9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data
sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then the cycle is an early write cycle and
the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD ≥ tCWD
(Min.), tRWD ≥ tRWD(Min.), tAWD ≥ tAWD (Min.) and tCPWD ≥ tCPWD (Min.), then the cycle is a read modify
write cycle and data out will contain data read from the selected cell; if neither of the above sets of
conditions is satisfied, then the condition of the data out (at access time) is indeterminate.
10. These parameters are referenced to the
CAS, leading edges in an early write cycle, and to the WE
leading edge in an
OE control write cycle, or a read modify write cycle.
11. The test mode is initiated by performing a
WE and CAS before RAS refresh cycle. This mode is
latched and remains in effect until the exit cycle is generated. In a test CA0, CA1 and CA10 are not
used and each DQ pin now access 8-bit locations. Since all 4 DQ pins are used, a total 32 data bits can
be written in parallel into the memory array. In a read cycle, if 8 data bits are equal, the DQ pin will
indicate a high level. If the 8 data bits are not equal, the DQ pin will indicate a low level. The test mode
is cleared and the memory device returned to its normal operating state by performing a
RAS-only
refresh cycle or a
CAS before RAS refresh cycle.
12. In a test mode read cycle, the value of access time parameter is delayed for 5ns for the specified value.
These parameters should be specified in test mode cycle by adding the above value to the specified
value in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com