Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400F Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5117400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400F Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5117400F Datasheet HTML 1Page - OKI electronic componets MSM5117400F Datasheet HTML 2Page - OKI electronic componets MSM5117400F Datasheet HTML 3Page - OKI electronic componets MSM5117400F Datasheet HTML 4Page - OKI electronic componets MSM5117400F Datasheet HTML 5Page - OKI electronic componets MSM5117400F Datasheet HTML 6Page - OKI electronic componets MSM5117400F Datasheet HTML 7Page - OKI electronic componets MSM5117400F Datasheet HTML 8Page - OKI electronic componets MSM5117400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FEDD5117400F-01
1Semiconductor
MSM5117400F
2/15
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
A0–A10
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1–DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
V
CC
Power Supply (5V)
V
SS
Ground (0V)
NC
No Connection
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must
be provided to every VSS pin.
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
14
DQ1
DQ2
VCC
VCC
VSS
VSS
A9
A8
A7
A6
A0
A1
A2
A3
WE
RAS
NC
A10
A5
A4
OE
DQ4
DQ3
CAS
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
14
DQ1
DQ2
VCC
VCC
VSS
VSS
DQ4
DQ3
A9
A8
A7
A6
A0
A1
A2
A3
WE
RAS
NC
A10
A5
A4
CAS
OE
26/24-Pin Plastic
SOJ
26/24-Pin Plastic TSOP
(K Type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com