Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400F Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5117400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400F Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5117400F Datasheet HTML 2Page - OKI electronic componets MSM5117400F Datasheet HTML 3Page - OKI electronic componets MSM5117400F Datasheet HTML 4Page - OKI electronic componets MSM5117400F Datasheet HTML 5Page - OKI electronic componets MSM5117400F Datasheet HTML 6Page - OKI electronic componets MSM5117400F Datasheet HTML 7Page - OKI electronic componets MSM5117400F Datasheet HTML 8Page - OKI electronic componets MSM5117400F Datasheet HTML 9Page - OKI electronic componets MSM5117400F Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FEDD5117400F-01
1Semiconductor
MSM5117400F
6/15
AC CHARACTERISTICS (1/2)
(VCC = 5V ± 10%, Ta = 0 to 70°C) Note1,2,3,11,12
MSM5117400
F-50
MSM5117400
F-60
MSM5117400
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
90
110
130
ns
Read Modify Write Cycle Time
tRWC
131
155
185
ns
Fast Page Mode Cycle Time
tPC
35
40
45
ns
Fast Page Mode Read Modify Write
Cycle Time
tPRWC
76
85
100
ns
Access Time from
RAS
tRAC
50
60
70
ns
4, 5, 6
Access Time from
CAS
tCAC
13
15
20
ns
4, 5
Access Time from Column Address
tAA
25
30
35
ns
4, 6
Access Time from
CAS Precharge
tCPA
30
35
40
ns
4
Access Time from
OE
tOEA
13
15
20
ns
4
Output Low Impedance Time from
CAS
tCLZ
0
0
0
ns
4
CAS to Data Output Buffer Turn-
off Delay Time
tOFF
013015020
ns
7
OE to Data Output Buffer Turn-off
Delay Time
tOEZ
013015020
ns
7
Transition Time
tT
350350350
ns
3
Refresh Period
tREF
32
32
32
ms
RAS Precharge Time
tRP
30
40
50
ns
RAS Pulse Width
tRAS
50
10,000
60
10,000
70
10,000
ns
RAS Pulse Width (Fast Page Mode) t
RASP
50
100,000
60
100,000
70
100,000
ns
RAS Hold Time
tRSH
13
15
20
ns
RAS Hold Time referenced to OE
tROH
13
15
20
ns
CAS Precharge Time
(Fast Page Mode)
tCP
7
10
10
ns
CAS Pulse Width
tCAS
13
10,000
15
10,000
20
10,000
ns
CAS Hold Time
tCSH
50
60
70
ns
CAS to RAS Precharge Time
tCRP
5
5
5
ns
RAS Hold Time from CAS Precharge t
RHCP
30
35
40
ns
RAS to CAS Delay Time
tRCD
17
37
20
45
20
50
ns
5
RAS to Column Address Delay Time t
RAD
12
25
15
30
15
35
ns
6
Row Address Set-up Time
tASR
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com