Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117400F Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5117400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400F Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5117400F Datasheet HTML 1Page - OKI electronic componets MSM5117400F Datasheet HTML 2Page - OKI electronic componets MSM5117400F Datasheet HTML 3Page - OKI electronic componets MSM5117400F Datasheet HTML 4Page - OKI electronic componets MSM5117400F Datasheet HTML 5Page - OKI electronic componets MSM5117400F Datasheet HTML 6Page - OKI electronic componets MSM5117400F Datasheet HTML 7Page - OKI electronic componets MSM5117400F Datasheet HTML 8Page - OKI electronic componets MSM5117400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FEDD5117400F-01
1Semiconductor
MSM5117400F
4/15
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage VCC Supply relative to VSS
VT
–0.5 to VCC+0.5
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD*
1W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–55 to 150
°C
*: Ta = 25
°C
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
00
0
V
Input High Voltage
VIH
2.4
VCC + 0.5
*1
V
Input Low Voltage
VIL
− 0.5*2
0.8
V
Notes: *1. The input voltage is VCC + 1.0V when the pulse width is less than 20ns (the pulse width is with respect
to the point at which VCC is applied).
*2. The input voltage is VSS − 1.0V when the pulse width is less than 20ns (the pulse width respect to the
point at which VSS is applied).
PIN CAPACITANCE
(Vcc = 5V
± 10%, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Min.
Typ.
Min.
Unit
Input Capacitance (A0 – A10)
CIN1
——
5
pF
Input Capacitance
(
RAS, CAS, WE, OE)
CIN2
——
7
pF
Output Capacitance (DQ1 – DQ4)
CI/O
——
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com