Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6352 Datasheet (PDF) - OKI electronic componets

MSM6352 Datasheet PDF - OKI electronic componets
Part # MSM6352
Download  MSM6352 Download
File Size   229.63 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4 BIT MICROCONTROLLER

MSM6352 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6352 Datasheet PDF - OKI electronic componets

Part # MSM6352
Download  MSM6352 Click to download

File Size   229.63 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4 BIT MICROCONTROLLER

MSM6352 Datasheet (HTML) - OKI electronic componets


MSM6352 Product details

GENERAL DESCRIPTION
The MSM6352 is a high-performance 4-bit microcontroller employing complementary metal oxide semiconductor technology. The use of this device for a repertory telephone, which employed a conventional microcomputer that was difficult to be configured in a single-chip device, allows a compact and high-performance telephone set to be monufactured easily.

FEATURES
• Lower power consumption
• Mask ROM : 2048 x 14 bits
• ROM : 640 x 4 bits
• I/O port
    Input-output port : 1 port x 4 bits
    Input port : 3 ports x 4 bits
    Output port : 3 ports x 4 bits
• DTMF generator
• Built-in programmable timer
    Applicable for dial pulse output
    (Positive phase/negative phase, 34%/40%, 10 pps/20 pps selectable)
• Watch dog timer
• Stack : 5 Level
• Power down by STOP instruction
• Instructions useful for data management (data search and block data transfer)
• Operating voltage : 2.0 to 5.5V (2.2 to 5.5V in Tone mode)
• 3.58 MHz oscillator
• Instruciton execution time :17.9 ms
• Package options:
    28-pin plastic DIP (DIP28-P-600-2.54) : (Product name: MSM6352-xxRS)
    40-pin plastic DIP (DIP40-P-600-2.54) : (Product name: MSM6352-xxRS)
    42-pin plastic shrink DIP (SDIP42-P-600-1.78) : (Product name: MSM6352-xxSS)
    44-pin plastic QFP (QFP44-P-910-0.80-K) : (Product name: MSM6352-xxGS-K)
    44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name: MSM6352-xxGS-2K)
                                                                              xx indicates the code number.




Similar Part No. - MSM6352

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6351 OKI-MSM6351 Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-BK OKI-MSM6351-XXGS-BK Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-K OKI-MSM6351-XXGS-K Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351-XXGS-L OKI-MSM6351-XXGS-L Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6351L OKI-MSM6351L Datasheet
205Kb / 17P
Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
More results


Similar Description - MSM6352

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com