Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6351 Datasheet (PDF) - OKI electronic componets

MSM6351 Datasheet PDF - OKI electronic componets
Part # MSM6351
Download  MSM6351 Download
File Size   205.33 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller

MSM6351 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6351 Datasheet PDF - OKI electronic componets

Part # MSM6351
Download  MSM6351 Click to download

File Size   205.33 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller

MSM6351 Datasheet (HTML) - OKI electronic componets


MSM6351 Product details

GENERAL DESCRIPTION
The MSM6351/6351L is a low-power microcontroller manufactured in silicon gate CMOS technology. Integrated into a single chip are ROM, RAM, five I/O ports, serial I/O port, timebase counter, LCD driver, three interrupts, crystal oscillator, and voltage tripler.
The MSM6351/6351L, which can drive LCD display with higher-count segments, is best suited to battery powered applications, such as watches and game machines.
The built-in 8-bit or 5-bit serial port provides a data communication capability with external machines.

FEATURES
• Low power consumption
• Large capacity memory
• ROM : 4096 words x 15 bits
• RAM : 1024 words x 4 bits
• I/O port
    Input-output port : 5 ports x 4 bits (input or output can be specified for each port)
• 62 LCD drivers (1/3 duty or 1/4 duty is selectable. Up to 232 segments can be displayed)
• Single 1.5 V power supply operation (MSM6351)
    Can be changed to 3.0 V specification by mask option (MSM6351L).
• Melody function
• Built-in watchdog timer
• Built-in 8-bit or 5-bit serial port (asynchronous or synchronous selectable)
• 32.768 kHz crystal oscillator
• Package options:
    100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name :MSM6351-xxGS-K/ MSM6351L-xxGS-K)
    100-pin plastic QFP (QFP100-P-1420-0.65-L) (Product name :MSM6351-xxGS-L/ MSM6351L-xxGS-L)
    100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name :MSM6351-xxGS-BK/ MSM6351L-xxGS-BK) Chip
                                                                                 ·xx indicates a code number.




Similar Part No. - MSM6351

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6352 OKI-MSM6352 Datasheet
229Kb / 23P
4 BIT MICROCONTROLLER
MSM6353 OKI-MSM6353 Datasheet
140Kb / 9P
Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller
MSM6353-XX OKI-MSM6353-XX Datasheet
140Kb / 9P
Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller
MSM6353-XXGS-2K OKI-MSM6353-XXGS-2K Datasheet
140Kb / 9P
Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller
MSM6353-XXGS-K OKI-MSM6353-XXGS-K Datasheet
140Kb / 9P
Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller
More results


Similar Description - MSM6351

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64172 OKI-MSM64172 Datasheet
189Kb / 29P
4-Bit Microcontroller with Built-in Serial Port and LCD Driver
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM6353 OKI-MSM6353 Datasheet
140Kb / 9P
Built-in 8 or 5 bit Serial Port 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM64422 OKI-MSM64422 Datasheet
144Kb / 13P
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
logo
List of Unclassifed Man...
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
8-bit Microcontroller with a Built-in LCD driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com