Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64481 Datasheet (PDF) - OKI electronic componets

MSM64481 Datasheet PDF - OKI electronic componets
Part # MSM64481
Download  MSM64481 Download
File Size   131.51 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller

MSM64481 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM64481 Datasheet PDF - OKI electronic componets

Part # MSM64481
Download  MSM64481 Click to download

File Size   131.51 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller

MSM64481 Datasheet (HTML) - OKI electronic componets


MSM64481 Product details

GENERAL DESCRIPTION
The MSM64481 is a 4-bit microcontroller with built-in EEPROM that incorporates OKIs nX-4s CPU core. The device contains a 2K-byte ROM, 128-nibble RAM, 128-nibble EEPROM, 1/2 duty LCD driver, time base counter, watchdog timer, low voltage detection circuit, seven interrupt sources, one 3-bit input port, two 4-bit input/output ports, and 500 kHz RC oscillator circuit (with an external capacitor C).

FEATURES
• Operating range
    Operating frequency : 200 kHz to 1 MHz
    Operating voltage : 3 to 6 V
    Operating temperature : –40 to +85°C
• Internal program memory : 2048 bytes
• Internal data memory : 128 nibbles
• Built-in EEPROM : 128 nibbles
• Interrupt sources : 6 (3 internal, 3 external)
• Minimum instruction execution time : 6 ms (@ 500 kHz)
• I/O Port
    Input-output port : 2 ports x 4 bits
    Input port : 1 port x 3 bits
• 1/2 duty LCD driver
    Segment drivers : 40
    Common drivers : 2
• Built-in watchdog timer
• CPU operating voltage : 3.0 to 5.5 V
• EEPROM writable operating voltage : 4.5 to 5.5 V
• LCD display operating voltage : 3.0 to 6.0 V
• Package options
    60-pin plastic QFP (QFP60-P-1519-1.00-K) : (Product name: MSM64481-014GS-K)
    56-pin plastic QFP (QFP56-P-910-0.65-2K) : (Product name: MSM64481-014GS-2K-H)




Similar Part No. - MSM64481

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM6442-XXGS-BK OKI-MSM6442-XXGS-BK Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM6442-XXGS-K OKI-MSM6442-XXGS-K Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM64422 OKI-MSM64422 Datasheet
144Kb / 13P
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM64422-XXXMS-K OKI-MSM64422-XXXMS-K Datasheet
144Kb / 13P
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
More results


Similar Description - MSM64481

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM64422 OKI-MSM64422 Datasheet
144Kb / 13P
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com