Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM64P155 Datasheet (PDF) - OKI electronic componets

MSM64P155 Datasheet PDF - OKI electronic componets
Part # MSM64P155
Download  MSM64P155 Download
File Size   181.38 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit

MSM64P155 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM64P155 Datasheet PDF - OKI electronic componets

Part # MSM64P155
Download  MSM64P155 Click to download

File Size   181.38 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit

MSM64P155 Datasheet (HTML) - OKI electronic componets


MSM64P155 Product details

GENERAL DESCRIPTION
The MSM64P155 (1.5 V)/64P155L (3.0 V) is a one-time-programmable ROM version product, which has one-time PROM (OTP) as internal program memory. On the other hand, the MSM64155 is a mask ROM-version product, which has mask ROM as internal program memory. Unlike the mask ROM-version MSM64155 which has a P-well CMOS structure, the MSM64P155/64P155L has been fabricated with the N-well CMOS-structured EPROM process technology.
Therefore, the MSM64P155/64P155L differs from the MSM64155 in the polarity of the power supply for LCD bias generation and in the external circuit structure.
Unlike the mask ROM-version product, the MSM64P155/64P155L cannot be supplied in the form of a chip. The MSM64P155/64P155L is an OTP-version product used to evaluate an application program.
The MSM64P155/64P155L has two operation modes, microcontroller operation mode and PROM mode. The microcontroller operation mode is used to operate the MSM64P155/64P155L like a mask ROM-version product and the PROM mode is used to program or read the PROM.

FEATURES
• Operating range
   Operating voltage (mask option) : 1.5 V/3.0 V
   Operating frequency :
      32.768 kHz crystal oscillation
      Approx. 32 kHz RC oscillation
• Minimum instruction execution time : 91 ms
• General memory space : 4064 bytes (PROM)
• Local memory space : 256 nibbles
• LCD driver :
   64
   Common driver · 4
   Segment driver · 60
   1/4 duty, 1/3 bias; 240 segments (60 · 4)
   1/3 duty, 1/3 bias; 180 segments (60 · 3)
• I/O port
   Input-output port :
      2 ports · 4 bits (open-drain output/CMOS output
      selectable; pull-down resistor input/high-impedance input selectable)
   Input port : 1 port ·
      2 bits (pull-down resistor input/high-impedance input selectable)
      1 port · 4 bits (pull-down resistor input/high-impedance input selectable)
   Output port : 1 port · 4 bits (CMOS output)
• Event counter : 1 channel
• Melody output : 2
• Capture circuits :
   2 channels
   256 Hz, 128 Hz, 64 Hz, 32 Hz
• Interrupt sources :
   10 sources
   External 4, time base 4, melody 2
   (When TST3 = "1", six time base sources)
• Clock generation circuit (mask option) : Crystal/RC oscillation
• Package:
   100-pin plastic QFP (QFP100-P-1420-0.65-BK)
   Product name :
      MSM64P155-001GS-BK (crystal oscillation, 1.5 V, blanked PROM)
      MSM64P155L-002GS-BK (crystal oscillation, 3.0 V, blanked PROM)
      MSM64P155-003GS-BK (RC oscillation, 1.5 V, blanked PROM)
      MSM64P155L-004GS-BK (RC oscillation, 3.0 V, blanked PROM)
      MSM64P155-xxxGS-BK (crystal/RC oscillation, 1.5 V, written PROM)
      MSM64P155L-xxxGS-BK (crystal/RC oscillation, 3.0 V, written PROM)
      xxx indicates a code number.




Similar Part No. - MSM64P155

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results


Similar Description - MSM64P155

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com