Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63193 Datasheet (PDF) - OKI electronic componets

ML63193 Datasheet PDF - OKI electronic componets
Part # ML63193
Download  ML63193 Download
File Size   193.78 Kbytes
Page   37 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.

ML63193 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML63193 Datasheet PDF - OKI electronic componets

Part # ML63193
Download  ML63193 Click to download

File Size   193.78 Kbytes
Page   37 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.

ML63193 Datasheet (HTML) - OKI electronic componets


ML63193 Product details

GENERAL DESCRIPTION

The ML63193 is CMOS 4-bit microcontroller with built-in 1024-dot matrix LCD drivers (64 SEG. × 16 COM.), and operates at 0.9 V (Min). The ML63193 is suitable for applications as games, toys, watches, remote controller, etc. Which are provided with a LCD display.

The ML63193 is an M6318x series mask ROM-version product of OLMS-63K family, which employs Oki’s

original CPU core nX-4/250.



FEATURES

• Extensive instruction set

408 instructions:

Transfer, rotate, increment/decrement, arithmetic operations, compare, logic operations, mask operations, bit operations, ROM table reference, stack operations, flag operations, jump, conditional branch, call/return, control

• Wide variety of addressing modes

  Indirect addressing mode for 4 types of data memory with current bank register, extra bank register, HL register and XY register Data memory bank internal direct addressing mode

• Processing speed

2 clocks per machine cycle, with most instructions executed in 1 machine cycle

Minimum instruction execution time : 61 µs (@ 32.768 kHz system clock)

                                                : 1 µs (@ 2 MHz system clock)

• Clock generation circuit

Low-speed clock : Crystal oscillation or RC oscillation selected with mask option (30 kHz to 80 kHz)

High-speed clock : Ceramic oscillation or RC oscillation selected with software (2 MHz max)

• Program memory space

64 K words

Basic instruction length is 16 bits/1word.

• Data memory space

2048 nibbles

• Stack level

Call stack level : 16 levels

Register stack level : 16 levels




Similar Part No. - ML63193

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXGA OKI-ML63187B-XXXGA Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXWA OKI-ML63187B-XXXWA Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63189B OKI-ML63189B Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results


Similar Description - ML63193

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com